Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 85Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 86Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 87Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 88Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 89Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 90Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 91Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 89 of 135
Mar 31, 2026
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
Cautions 1. These specifications show target values, which may change after device evaluation.
2. The RL78/D1A has an on-chip debug function, which is provided for development and evaluation.
Do not use the on-chip debug function in products designated for mass production, because the
guaranteed number of rewritable times of the flash memory may be exceeded when this function
is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not liable
for problems occurring when the on-chip debug function is used.
Definition of Pin Groups
Definition of pin groups described in this chapter is shown in the following table.
Pin groups
Pin names
48-pin products
64-pin products
80-pin products
100-pin products 128-pin products
Pin group 1 Group 1R P40
P40, P70, P71
P40, P70, P71
P40, P70, P71,
P130 to P135,
P140
P40 to P44,
P70, P71,
P100 to P103,
P130 to P135,
P140
Group 1L
P00 to P01,
P10 to P14,
P30 to P31, P33,
P54 to P57, P60,
P61, P72 to P75
P00 to P05, P07,
P10 to P15, P17,
P30 to P33,
P54 to P57, P60,
P61, P72 to P75
P00 to P07,
P10 to P17,
P30 to P37,
P54 to P57, P60,
P61, P65, P66,
P72 to P75
P00 to P07,
P10 to P17,
P30 to P37,
P50 to P57,
P72 to P75, P136
P00 to P07,
P10 to P17,
P30 to P37,
P45 to P47,
P50 to P57,
P72 to P75,
P104 to P107,
P110 to P117,
P125 to P127,
P136
Group 1C -
-
-
P60 to P66
P60 to P66
Pin group 2 (ANI pins)
P20 to P23, P27
P20 to P23, P27
P20 to P27
P20 to P27, P150 P20 to P27,
P150 to P152
Pin group 3
(SMC pins)
Group 3A P80 to P83
P80 to P83
P80 to P83
P80 to P83
P80 to P83
Group 3B -
P84 to P87
P84 to P87
P84 to P87
P84 to P87
Group 3C P90 to P94
P90 to P94
P90 to P93
P90 to P93
P90 to P93
Group 3D -
-
P94 to P97
P94 to P97
P94 to P97
Group 3E P90 to P94
P84 to P87, P90
to P94
-
-
-
Pin group 4
(System pins)
P121 to P122,
RESET
____________
, P137
P121 to P124,
RESET
____________
, P137
P121 to P124,
RESET
____________
, P137
P121 to P124,
RESET
____________
, P137
P121 to P124,
RESET
____________
, P137
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com