Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 88Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 89Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 90Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 91Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 92Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 93Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 94Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 95Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 92 of 135
Mar 31, 2026
TA = +25
°C
Parameter
Symbols
Conditions
Ratings
Unit
Output voltage
VO1
Pin group 1
-0.3 to EVDD0 (EVDD1) + 0.3
V
VO2
Pin group 2
-0.3 to VDD + 0.3
V
VO3
Pin group 3
-0.3 to SMVDD0 (SMVDD1) + 0.3
V
VCOM
COM0 to COM3
-0.3 to VDD + 0.3
V
Output current,
high
IOH1
Per pin
Pin group 1
-20
mA
Total
Pin group 1
-150
mA
Pin group 1L
-60
mA
Pin group 1R
-55
mA
Pin group 1C
-40
mA
IOH2
Per pin
Pin group 2
-0.5
mA
Total
-2.0
mA
IOH3
Per pin
Pin group 3
-58
mA
Total
Pin group 3
48-pin, 64-pin
-270
mA
80-pin, 100-pin,
128-pin
-480
mA
Pin group 3A
-120
mA
Pin group 3B
-120
mA
Pin group 3C
-120
mA
Pin group 3D
-120
mA
Pin group 3E
-150
mA
IOHCOM
Per pin
COM0 to COM3
-0.5
mA
Total
COM0 to COM3
-1.0
mA
Output current,
low
IOL1
Per pin
Pin group 1
20
mA
Total
Pin group 1
150
mA
Pin group 1L
60
mA
Pin group 1R
50
mA
Pin group 1C
40
mA
IOL2
Per pin
Pin group 2
1.0
mA
Total
5.0
mA
IOL3
Per pin
Pin group 3
58
mA
Total
Pin group 3
48-pin, 64-pin
270
mA
80-pin, 100-pin,
128-pin
480
mA
Pin group 3A
120
mA
Pin group 3B
120
mA
Pin group 3C
120
mA
Pin group 3D
120
mA
Pin group 3E
150
mA
IOLCOM
Per pin
COM0 to COM3
0.5
mA
Total
COM0 to COM3
1.0
mA
Operating
ambient
temperature
TA
for normal operation mode
-40 to +105
°C
for code flash programming
-40 to +105
°C
for data flash programming
-40 to +105
°C
Storage
temperature
Tstg
-65 to +150
°C
Note Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF ).
This value regulates the absolute maximum rating of the REGC pin. Do not use this pin with voltage applied to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com