Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 20Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 21Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 22Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 23Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 24Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 25Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 26Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 27Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 139 page
background image
RL78/D1A
1. OUTLINE
R01DS0463EJ0120 Rev. 1.20
Page 24 of 135
Mar 31, 2026
(2/4)
Item
48-pin
64-pin
80-pin
Serial
interface
CSI
2 ch
UART
-
Simplified IIC
1 ch
LIN-UART
1 ch
2 ch
aFCAN
0 ch
1 ch
0 ch
1 ch
0 ch
1 ch
Multiplier and divider/multiply accumulator
• 16-bits × 16 bits = 32 bits (Unsigned or signed)
• 32-bits ÷ 32 bits = 32 bits (Unsigned)
• 16-bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)
DMA controller
2 ch
Vectored
interrupt
sources
Internal
39
43
42
46
42
46
External
6
8
Software
1
Debugger
1
LCD
controller
driver
Bias
Static, 1/3 bias, 1/3 or 1/4 duty
SEG
× COM
27
× 4
39
× 4
48
× 4
Sound generator
1 channel
Stepper motor controller/driver (with ZPD)
1 ch
2 ch
4 ch
Safety
function
FLASH memory
CRC calculation
Provided
RAM parity bit error
detection
Provided
IIlegal-memory
access detection
Provided
Frequency detection
Provided
Clock monitor
Provided
Reset
• Reset by RESET
____________
pin
• Internal reset by watchdog timer
• Internal reset by power-on-reset
• Internal reset by voltage detector
• Internal reset by illegal instruction execution
• Internal reset by RAM parity error
• Internal reset by illegal-memory access
• Internal reset by clock monitor
Power on reset (POR)
Power on reset: 1.51 V
± 0.06 V
Power down reset: 1.50 V
± 0.06 V
Voltage detector
Rising edge detection voltage = 2.81 to 4.06 V (6 step)
Falling edge detection voltage = 2.75 to 3.98 V (6 step)
On-chip debug function
Provided
Power supply voltage
VDD = 2.7 to 5.5 V
Operating ambient temperature
J grade products:TA = -40 to +85 °C, L grade products: TA = -40 to +105 °C
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com