Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 103Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 104Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 105Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 106Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 107Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 108Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 109Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 110Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 107 of 135
Mar 31, 2026
TA = -40 to +105
°C, 4.0 V ≤ VDD = SMVDD0 = SMVDD1 ≤ 5.5 V, VSS = SMVSS0 = SMVSS1 = 0 V (3/3)
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Input voltage, high
VIH1
0.8SMVDD
SMVDD
V
Input voltage, low
VIL1
0
0.5SMVDD
V
Input hysteresis width
Note 1
VIHYS1
0.1
0.19
0.29
V
Output voltage, high
VOH1
TA = -40
°C
IOH = -52 mA
SMVDD
- 0.5
SMVDD
V
TA = +25
°C
IOH = -39 mA
TA = +85
°C
IOH = -32 mA
TA = +105
°C
IOH = -32 mA
Output voltage, low
VOL1
TA = -40
°C
IOL = 52 mA
0
0.5
V
TA = +25
°C
IOL = 39 mA
TA = +85
°C
IOL = 32 mA
TA = +105
°C
IOL = 32 mA
Output voltage
deviationNote 2
VDEV
0
50
mV
Input leakage current,
high
ILIH1
VI = SMVDD
1
μA
Input leakage current,
low
ILIL1
VI = SMVSS
-1
μA
On chip pull-up
resistance Note 3
RU
VI = SMVSS
10
20
100
k
Ω
On chip pull-down
resistance Note 4
RD
VI = SMVDD
100
k
Ω
Notes 1.
This specification is guaranteed by design. It is not tested when shipment.
2.
Output voltage deviation defines the difference of the outputs levels of the same stepper motor.
VDEV = max (|VOHx-VOHy|, |VOLx-VOLy|) @IOHx = IOHy, IOLx = IOLy.
X and y denote any combination of two pins of the following pin groups: (P80-P83, P84-P87, P90-P93,
P94-P97)
3.
Pull-up resistance is connected by software when pin is set to input mode.
4.
LCD segment shared pins only. Pull-down resistance is connected during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com