Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 112Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 113Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 114Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 115Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 116Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 117Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 118Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 119Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 116 of 135
Mar 31, 2026
4.5.3 Sound generator
TA = -40 to +105
°C,
2.7 V
≤ EVDD0 = EVDD1 ≤ SMVDD0 = SMVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = SMVSS0 = SMVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Sound generator input
frequency
fSG
24
MHz
SGO output rise time
tR
C = 100 pF
P73, P135
200
ns
P93
500
ns
SGO output fall time
tF
C = 100 pF
P73, P135
200
ns
P93
500
ns
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.
Sound Generator Output Timing
SGO
tR
tF
0.9EVDD/SMVDD
0.1EVDD/SMVDD
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com