Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 118Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 119Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 120Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 121Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 122Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 123Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 124Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 125Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 122 of 135
Mar 31, 2026
4.5.9 LCD Bus Interface characteristics (128-pin products only)
TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 =EVSS1 =0 V
Items
Symbols
Conditions
MIN.
MAX.
Unit
Transfer frequency
F
8
MHz
CycleTime
tCYC
LBCYC x T
ns
Control low pulse width
tCL
(LBWST + 1)T - 1
ns
Enable active pulse width
tELH
(LBWST + 1)T - 5
ns
Control setup time
tRWS
0.5TS - 8
ns
Control hold time
tRWH
0.5T - 3
ns
Data output setup time
tDOS
0.5TS - 6
0.5TS + 17
ns
Data output hold time
tDOH
{LBCYC - (LBWST + 1.5)} T - 27
ns
Data input setup time
tDIS
50
ns
Data input hold time
tDIH
0
ns
Output disable time
tOD
0.5T - 14
ns
Remarks 1. T = (1/fCLK) × N (n: LCD Bus Interface clock n divider setting)
2. TS = (1/fCLK) × N (N: LCD Bus Interface no clock divider N = 1, n divider N = n - 1)
3. F = 1/tCYC
4. When EVDDx = SMVDDx
≤ VDD, LCD controller/driver related registers must be initial value (LCDON = 0,
SCOC = 0, MDSET1 – 0 = 00, LCDPFx = 0).
5. The above table shows the timing of LCD bus interface with Schmitt1 input characteristic.
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com