Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 126Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 127Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 128Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 129Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 130Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 131Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 132Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 133Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 139 page
background image
RL78/D1A
4. ELECTRICAL SPECIFICATIONS (L GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 130 of 135
Mar 31, 2026
4.9 Capacitance Connected to REGC
TA = -40 to +105
°C
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Capacitance
CREG
0.47
1.0
μF
4.10 Flash programming characteristics
TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
VDD supply current
IDD
Programming current
12.2
mA
System Clcok
frequency
fCLK
2.7 V
≤ VDD ≤ 5.5 V
2
24
MHz
Number of
Code Flash
rewritesNotes 1, 2, 3
Cerwr
Retained for 20 years, TA = +85
°C Note 4
1000
Times
Number of
Data Flash
rewritesNotes 1, 2, 3
Cerwr
Retained for 20 years, TA = +85
°C Note 4
10000
Times
Notes 1.
1 erase + 1 write after the erase is regarded as 1 rewrite.
The retaining years are until next rewrite after the rewrite.
2. When using flash memory programmer and Renesas Electronics self programming library.
3. These are the characteristics of the flash memory and the results obtained from reliability testing by Renesas
Electronics Corporation.
4. The specified data retention time is given under the condition that the average temperature (TA) is 85°C or
below.
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com