Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 31Page - Renesas Technology Corp RZ/G2H Datasheet HTML 32Page - Renesas Technology Corp RZ/G2H Datasheet HTML 33Page - Renesas Technology Corp RZ/G2H Datasheet HTML 34Page - Renesas Technology Corp RZ/G2H Datasheet HTML 35Page - Renesas Technology Corp RZ/G2H Datasheet HTML 36Page - Renesas Technology Corp RZ/G2H Datasheet HTML 37Page - Renesas Technology Corp RZ/G2H Datasheet HTML 38Page - Renesas Technology Corp RZ/G2H Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 35 of 169
Jun 30, 2025
Item
Value
Unit
Remarks
Output voltage (0.9-V I/O [VDD09_SATA])
-0.3 to VDD09_SATA + 0.3
V
*5
Output voltage (0.9-V I/O [VDD09_PCIEn])
-0.3 to VDD09_PCIEn + 0.3
V
*5
Output voltage (0.9-V I/O [VDD09_USB3n])
-0.3 to VDD09_USB3n + 0.3
V
*5
Output voltage (0.9-V I/O [VDD09_USB3HSn])
-0.3 to VDD09_USB3HSn + 0.3
V
*5
Output voltage (0.9-V I/O [VDD09_USB2n])
-0.3 to VDD09_USB2n + 0.3
V
*5
Output voltage (0.9-V I/O [VDDQ09_HDMIn])
-0.3 to VDDQ09_HDMIn + 0.3
V
*5
Output voltage (0.9-V I/O [VDDQ09_LVDS])
-0.3 to VDDQ09_LVDS + 0.3
V
*5
Output voltage (0.9-V I/O [VDD09_CSIn])
-0.3 to VDD09_CSIn + 0.3
V
*5
Operating temperature
-40 to +85
°C
Ta (ambient)
-40 to +115
°C
Tj (junction)
Maximum rating temperature
-40 to +125
°C
Tj (junction)
Storage temperature
-55 to +125
°C
Ta (ambient)
Notes:
Permanent damage to the LSI may result if absolute maximum ratings are exceeded. In normal operation, this
LSI should be used within the specifications described in the following descriptions. If this LSI is not used
within the specifications, the reliability of this LSI may lower.
Voltages are referenced at GND = VSS = AVSS = 0 V.
Abbreviations in the tables have the following meanings.
SDHI: SDHI does not operate through SDR50 and SDR104.
SDHI (SDR50, SDR104): SDHI operates through SDR50 and SDR104.
For details of the number of channels or available modules, refer to each manual; SDHI, DU/LVDS,
SATA/PCIEC/USB3.0, DBSC4 (DDR), USB2.0, HDMI and CSI and Pin Information of Individual RZ/G Series
Product.
1. Do not exceed 3.84 V.
2. Do not exceed 2.90 V.
3. Do not exceed 2.34 V.
4. Do not exceed 1.50 V.
5. Do not exceed 1.12 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com