Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 48Page - Renesas Technology Corp RZ/G2H Datasheet HTML 49Page - Renesas Technology Corp RZ/G2H Datasheet HTML 50Page - Renesas Technology Corp RZ/G2H Datasheet HTML 51Page - Renesas Technology Corp RZ/G2H Datasheet HTML 52Page - Renesas Technology Corp RZ/G2H Datasheet HTML 53Page - Renesas Technology Corp RZ/G2H Datasheet HTML 54Page - Renesas Technology Corp RZ/G2H Datasheet HTML 55Page - Renesas Technology Corp RZ/G2H Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 52 of 169
Jun 30, 2025
Item
Symbol
Power
Unit
Remarks
Min.
Typ. Max.
Supply current
(0.9-VI/O[CSI])
IDD09_CSIn
(n = 0 to 2)
—
—
28.8
18
28.8
18
mA
mA
mA
mA
VDD09_CSIn = 0.88 V (n = 0) [RZ/G2H]
VDD09_CSIn = 0.88 V (n = 1) [RZ/G2H]
VDD09_CSIn = 0.88 V (n = 0)
[RZ/G2M V1.3], [RZ/G2N]
VDD09_CSIn = 0.88 V (n = 1)
[RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL [CPG])
IDD18_CPGPL
Ln (n = 0 to 4)
—
—
3.0
mA
VDD18_CPGPLLn = 1.9 V (n = 0 to 4)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL [MLB])
IDD18_MLBPL
L
—
—
3.0
mA
VDD18_MLBPLL = 1.9 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL [DU])
IDD18_DUPLL
n (n = 0, 1)
—
—
3.0
mA
VDD18_DUPLLn = 1.9 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL
[LVDS])
IDD18_LVDSP
LL 1
—
—
12.6
mA
VDD18_LVDSPLL1 = 1.9 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL
[LVDS])
IDD09_LVDSP
LL 2
—
—
18
mA
VDD09_LVDSPLL2 = 0.88 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]
Supply current (PLL [DDR])
IDD09_DDRPL
L n (n = 0, 1)
—
—
50
mA
VDD09_DDRPLLn = 0.88 V
(n = 0, 1) [RZ/G2M V1.3]
VDD09_DDRPLLn = 0.88 V
(n = 0) [RZ/G2N]
Note:
Tc(Tt) = 115 °C (ΘJc = 0.1°C/W) [RZ/G2H], [RZ/G2M V1.3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com