Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/G2H Datasheet HTML 1Page - Renesas Technology Corp RZ/G2H Datasheet HTML 2Page - Renesas Technology Corp RZ/G2H Datasheet HTML 3Page - Renesas Technology Corp RZ/G2H Datasheet HTML 4Page - Renesas Technology Corp RZ/G2H Datasheet HTML 5Page - Renesas Technology Corp RZ/G2H Datasheet HTML 6Page - Renesas Technology Corp RZ/G2H Datasheet HTML 7Page - Renesas Technology Corp RZ/G2H Datasheet HTML 8Page - Renesas Technology Corp RZ/G2H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 2 of 169
Jun 30, 2025
Section 1 Overview
1.1
Outline of Specification
1.1.1
Arm Core
Item
Description
System CPU Cortex-A57
RZ/G2H
RZ/G2M V1.3
RZ/G2M V3.0
RZ/G2N
RZ/G2H
• Arm Cortex-A57 Quad MPCore 1.5 GHz
• L2 cache 2 Mbytes (ECC)
RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Arm Cortex-A57 Dual MPCore 1.5 GHz
• L2 cache 1 Mbytes (ECC)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• L1 I/D cache 48/32 Kbytes (Parity/ECC)
• NEON™/VFPv4 supported
• Security extension supported
• Virtualization supported
• Armv8 architecture
System CPU Cortex-A53
RZ/G2H
RZ/G2M V1.3
RZ/G2M V3.0
RZ/G2E
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0
• Arm Cortex-A53 Quad MPCore 1.2 GHz
• L1 I/D cache 32/32 KBytes (Parity/ECC), L2 cache 512 Kbytes (ECC)
RZ/G2E
• Arm Cortex-A53 Dual MPCore 1.2 GHz
• L1 I/D cache 32/32 KBytes (Parity/ECC), L2 cache 256 Kbytes (ECC)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2E
• NEON™/VFPv4 supported
• Security extension supported
• Virtualization supported
• Armv8 architecture
Debug and Trace
(For All Products)
• JTAG/SWD I/F supported
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0
• ETM-A57/A53 supported (each CPU)
RZ/G2N
• ETM-A57 supported
RZ/G2E
• ETM-A53 supported
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• ETF 16 KBytes for program flow trace (each cluster)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com