Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 24Page - Renesas Technology Corp RZ/G2H Datasheet HTML 25Page - Renesas Technology Corp RZ/G2H Datasheet HTML 26Page - Renesas Technology Corp RZ/G2H Datasheet HTML 27Page - Renesas Technology Corp RZ/G2H Datasheet HTML 28Page - Renesas Technology Corp RZ/G2H Datasheet HTML 29Page - Renesas Technology Corp RZ/G2H Datasheet HTML 30Page - Renesas Technology Corp RZ/G2H Datasheet HTML 31Page - Renesas Technology Corp RZ/G2H Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 28 of 169
Jun 30, 2025
1.2
Block Diagram
Figure 1.2-1
RZ/G2H (R8A774Ex) Block Diagram
Figure 1.2-2
RZ/G2M (R8A774Ax) Block Diagram
System controller
System RAM: 384KB
Thermal Sensor
JTAG Debug
(CoreSightTM)
26 x 32bit Timer
15 x 32bit Interval
WDT
7 x PWM out
2 x PCIe (Rev2.0, 1lane)
SATA (Rev3.2)(shared)
USB3.0/2.0 (DRD)
2xUSB2.0(1H,1H/F/OTG)
Ethernet AVB (1Gbps)
2x CAN2.0B
6x UART, 5x H-UART,
4x SPI,
7x I2C; 1x DVFS ctrl
32bit x2ch LPDDR4-3200
(ECC)
Access cache
2x eMMC (5.0, HS400)
4x SDIO (SDR104)
16bit ExtBus/SRAM
1xQSPI (4/8 bit selectable)
Or 1xHyperflash
Audio router w/10 ASRC,
Mixer, 10 I2S (6ch TDM),
90ch Audio DMA
PowerVR GX6650
2D/3D tile based 600MHz
Up to 4K resolution
(2 channels)
Crypto engine
(AES, DES, Hash, RSA, TRNG)
3x Display Out
1x Digital out, 1x LVDS
1x HDMI
8x Video In
2x MIPI-CSI2
(1x4L, 1x2L)
2x Digital
4x Video Signal Processor
2x Fine Display Processor
System
Timers
Audio IPs
Secure IP
3D Graphics
Video Codec
Video IP
CPU
4x Cortex®-A57 1.5GHz
4x Cortex®-A53 1.2GHz 1x Cortex®-R7 800MHz
L1 I$ 48KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 2MB with ECC
Connectivity
Memory I/F
L1 I$ 32KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 512KB with ECC
L1 I$ 32KB
L1 D$ 32KB
VFPv3-D16
I-TCM 32KB, D-TCM 32KB with ECC
System controller
System RAM: 384KB
Thermal Sensor
JTAG Debug
(CoreSightTM)
26 x 32bit Timer
15 x 32bit Interval
WDT
7 x PWM out
2 x PCIe (Rev2.0, 1lane)
USB3.0/2.0 (DRD)
2xUSB2.0(1H,1H/F/OTG)
Ethernet AVB (1Gbps)
2x CAN2.0B
6x UART, 5x H-UART,
4x SPI,
7x I2C; 1x DVFS ctrl
32bit x2ch LPDDR4-3200
(ECC)
Access cache
2x eMMC (5.0, HS400)
4x SDIO (SDR104)
16bit ExtBus/SRAM
1xQSPI (4/8 bit selectable)
or 1xHyperflash
Audio router w/10 ASRC,
mixer, 10 I2S (6ch TDM),
90ch Audio DMA
PowerVR GX6250
2D/3D tile based 600MHz
Up to 4K resolution
(2 channels)
Crypto engine
(AES, DES, Hash, RSA, TRNG)
3x Display Out
1x Digital out, 1x LVDS,
1x HDMI
8x Video In
2x MIPI-CSI2
(1x4L, 1x2L)
2x Digital
2x Video Signal Processor
1x Fine Display Processor
System
Timers
Audio IPs
Secure IP
3D Graphics
Video Codec
Video IP
CPU
2x Cortex®-A57 1.5GHz
4x Cortex®-A53 1.2GHz 1x Cortex®-R7 800MHz
L1 I$ 48KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 1MB with ECC
Connectivity
Memory I/F
L1 I$ 32KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 512KB with ECC
L1 I$ 32KB
L1 D$ 32KB
VFPv3-D16
I-TCM 32KB, D-TCM 32KB with ECC
Raw NAND
(8/16bit, ONFI 1.x,
ECC 1-8bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com