Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 83Page - Renesas Technology Corp RZ/G2H Datasheet HTML 84Page - Renesas Technology Corp RZ/G2H Datasheet HTML 85Page - Renesas Technology Corp RZ/G2H Datasheet HTML 86Page - Renesas Technology Corp RZ/G2H Datasheet HTML 87Page - Renesas Technology Corp RZ/G2H Datasheet HTML 88Page - Renesas Technology Corp RZ/G2H Datasheet HTML 89Page - Renesas Technology Corp RZ/G2H Datasheet HTML 90Page - Renesas Technology Corp RZ/G2H Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 87 of 169
Jun 30, 2025
3.11 CSI2
Table 3.11.1 AC Characteristics (1.8-V I/O [CSI2])
Conditions: VDDQ18_CSIn = 1.8 V ± 0.1 V, VDD09_CSIn = 0.82 V +0.06 V/ -0.07 V [RZ/G2H, RZ/G2M V1.3,
RZ/G2M V3.0, RZ/G2N]
VDDQ18_CSI0 = 1.8 V ± 0.1 V [RZ/G2E]
GND = VSS = 0 V,
Tc = -40 to + 115C [RZ/G2H, RZ/G2M V1.3]
Ta = -40 to + 85C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Tj = -40 to 115C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
condition
Remarks,
Figures
Common mode
interference beyond
450 MHz
ΔVCMRX(HF)
—
—
100
mVpp
—
HS Receiver
Common mode
interference between
50 MHz and 450 MHz
ΔVCMRX(LF)
-50
—
50
mVpp
—
HS Receiver
Data to Clock Receiver
Setup time
tSETUP(RX)
0.20
—
—
UI
—
HS Receiver
Figure 3.11.1
Data to Clock Receiver
Hold time
tHOLD(RX)
0.20
—
—
UI
—
Figure 3.11.1 Data Receive timing
CSIX_DATA[X:0]_P/N
1UIINST
CSIX_CLK_P/N
tSETUP
tHOLD
UIINST: UI instantaneous (specified in MIPI DPHY standard)
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com