Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 43Page - Renesas Technology Corp RZ/G2H Datasheet HTML 44Page - Renesas Technology Corp RZ/G2H Datasheet HTML 45Page - Renesas Technology Corp RZ/G2H Datasheet HTML 46Page - Renesas Technology Corp RZ/G2H Datasheet HTML 47Page - Renesas Technology Corp RZ/G2H Datasheet HTML 48Page - Renesas Technology Corp RZ/G2H Datasheet HTML 49Page - Renesas Technology Corp RZ/G2H Datasheet HTML 50Page - Renesas Technology Corp RZ/G2H Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 47 of 169
Jun 30, 2025
(2)
Power-up/down sequence without DDR backup [RZ/G2E]
Notes: 1. Refer to Figure 3.3.4.1 for the maximum time from first power rising(falling) to last power rising(falling).
Note that at power-on reset, refer to the specifications shown in section 3.5 “Clock and Reset Timings”.
2. MBKPRST# input must track VDDQ_DDR/VDDQ_CK during VDDQ_DDR/VDDQ_CK power-up.
Figure 3.3.2.2 power-up/down sequence without DDR backup [RZ/G2E]
All 1.8 V powers
except VDDQ18_ISO
1.8 V
VDDQ18_ISO
1.8 V
VDDQ25_AVB0
2.5 V
VDD
1.0 V
VDDQ33
3.3 V
VDDQ_CK
VDDQ_DDR
1.35 V
PRESET#
1.8 V
MBKPRST#
1.35 V
VIL (VT-min.)
VIL (VT-min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 10ms (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)
Spec. = 0 (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com