Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 19Page - Renesas Technology Corp RZ/G2H Datasheet HTML 20Page - Renesas Technology Corp RZ/G2H Datasheet HTML 21Page - Renesas Technology Corp RZ/G2H Datasheet HTML 22Page - Renesas Technology Corp RZ/G2H Datasheet HTML 23Page - Renesas Technology Corp RZ/G2H Datasheet HTML 24Page - Renesas Technology Corp RZ/G2H Datasheet HTML 25Page - Renesas Technology Corp RZ/G2H Datasheet HTML 26Page - Renesas Technology Corp RZ/G2H Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 23 of 169
Jun 30, 2025
1.1.10
Network
Item
Description
Controller Area
Network Interface
(CAN interface)
(For All Products)
• 2 channels
• Supports CAN specification 2.0B
• Maximum bit rate: 1 Mbps
• Message box
— Normal mode: 32 receive-only mailboxes and 32 mailboxes for transmission/reception
— FIFO mode:
32 receive-only mailboxes and 24 mailboxes for transmission/reception, 4-stage FIFO
for transmission, and 4-stage FIFO for reception
• Reception
— Data frame and remote frame can be received.
— Selectable receiving ID format
— Selectable overwrite mode (message overwritten) or overrun mode (message
discarded)
• Acceptance filter
⎯ Mask can be enabled or disabled for each mailbox.
• Transmission
— Data frame and remote frame can be transmitted.
— Selectable transmitting ID format (only standard ID, only extended ID, or both IDs)
— Selectable ID priority mode or mailbox number priority mode
• Sleep mode for reducing power consumption
CAN-FD
(For All Products)
• 2 channels
• 8 Mbps (CAN clock 40 MHz)
PCIE Controller
(For All Products)
• PCI Express Base Specification Revision 2.0
• PHY integrated
RZ/G2H RZ/G2N
• 1 Lane × 2 channels (one of PHY is shared with Serial ATA)
RZ/G2M V1.3 RZ/G2M V3.0
• 1 Lane × 2 channels
RZ/G2E
• 1 Lane × 1 channel
EthernetAVB-IF
(For All Products)
• Supports IEEE802.1BA, IEEE802.1AS, IEEE802.1Qav and IEEE1722 functions
• Magic packet detection
• Supports Reception Filtering to separate streaming frames from different sources
• Supports interface conforming to IEEE802.3 PHY RGMII (Reduced Gigabit Media
Independent Interface)
• RGMII v1.3
• Supports transfer at 1000 Mbps and 100 Mbps.
1.1.11
Timer
Item
Description
RCLK Watchdog
Timer
(For All Products)
• 1 channel
• Internal 16-bit watchdog timer operated by RCLK
• Programmable overflow time period: more than 1 hour count capable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com