Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 41Page - Renesas Technology Corp RZ/G2H Datasheet HTML 42Page - Renesas Technology Corp RZ/G2H Datasheet HTML 43Page - Renesas Technology Corp RZ/G2H Datasheet HTML 44Page - Renesas Technology Corp RZ/G2H Datasheet HTML 45Page - Renesas Technology Corp RZ/G2H Datasheet HTML 46Page - Renesas Technology Corp RZ/G2H Datasheet HTML 47Page - Renesas Technology Corp RZ/G2H Datasheet HTML 48Page - Renesas Technology Corp RZ/G2H Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 45 of 169
Jun 30, 2025
(4)
VDD and VDD09_DDRPLLs vs VDDQVA_DDRn (n = 0, 1) [RZ/G2H] [RZ/G2M V1.3] [RZ/G2M V3.0]
[RZ/G2N]
Figure 3.3.1.4
VDD and VDD09_DDRPLLs vs VDDQVA_DDRn (n = 0, 1)
[RZ/G2H] [RZ/G2M V1.3] [RZ/G2M V3.0] [RZ/G2N]
VDD
VDD09_DDRPLLs
VDD minimum voltage
VDDQVA_DDRn
(n = 0, 1)
Spec. = 0 (min.)
VDD and VDD09_DDRPLLs must be greater than VDDQVA_DDRn (n = 0, 1) for Period A.
VDDQVA_DDRn (n = 0, 1) must be off for Period B.
VDD and VDD09_DDRPLLs must be greater than VDDQVA_DDRn (n = 0, 1) for Period C.
VDD09_DDRPLLs are VDD09_DDRPLLnm (n = 0-3, m = CA, DQ01, DQ23)
0.2 V
0 V
1.1 V
0.1 V
VDD minimum voltage
0 V
Period A
Period B
Period C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com