Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 74Page - Renesas Technology Corp RZ/G2H Datasheet HTML 75Page - Renesas Technology Corp RZ/G2H Datasheet HTML 76Page - Renesas Technology Corp RZ/G2H Datasheet HTML 77Page - Renesas Technology Corp RZ/G2H Datasheet HTML 78Page - Renesas Technology Corp RZ/G2H Datasheet HTML 79Page - Renesas Technology Corp RZ/G2H Datasheet HTML 80Page - Renesas Technology Corp RZ/G2H Datasheet HTML 81Page - Renesas Technology Corp RZ/G2H Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 78 of 169
Jun 30, 2025
3.6
EXTAL Clock Input/output Timing
3.6.1
EXTAL Clock Input Timing
Table 3.6.1
EXTAL Clock Input Timing
Conditions: VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V, Tc = -40 to +115 °C[RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C[RZ/G2M V3.0, RZ/G2N], Tj = -40 to +115 °C[RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
EXTAL clock input
frequency
MD[14:13] = LL
fEX
14.40
16.66
16.70
MHz
—
MD[14:13] = LH
17.30
20.00
20.04
MHz
MD[14:13] = HL
21.62
25.00
25.06
MHz
MD[14:13] = HH
28.80
33.33
33.40
MHz
EXTAL clock input
cycle time
MD[14:13] = LL
tEXcyc
59.88
60.02
69.44
ns
Figure 3.6.1
MD[14:13] = LH
49.90
50.00
57.80
ns
MD[14:13] = HL
36.90
40.00
46.25
ns
MD[14:13] = HH
29.94
30.00
34.72
ns
EXTAL clock input duty cycle time
tEXduty
0.4
0.5
0.6
tEXcyc
EXTAL clock input low-level pulse width
tEXL
5
—
—
ns
EXTAL clock input high-level pulse width
tEXH
5
—
—
ns
EXTAL clock input rise time
tEXr
—
—
4
ns
EXTAL clock input fall time
tEXf
—
—
4
ns
Note:
Set the MD9 pin to L (low) during power-on reset when using the EXTAL pin as external clock input and the XTAL
pin must be open.
Not to exceed the specification of LPDDR4 operating frequency, input the lower frequency of EXATL or lower the
multiplication rate of PLL.
Figure 3.6.1 EXTAL Clock Input Timing
EXTAL
(input)
1/2VDDQ18
VIH
VIH
VIH
VIL
VIL
1/2VDDQ18
tEXcyc
tEXduty
tEXduty
tEXH
tEXL
tEXf
tEXr
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com