Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 54Page - Renesas Technology Corp RZ/G2H Datasheet HTML 55Page - Renesas Technology Corp RZ/G2H Datasheet HTML 56Page - Renesas Technology Corp RZ/G2H Datasheet HTML 57Page - Renesas Technology Corp RZ/G2H Datasheet HTML 58Page - Renesas Technology Corp RZ/G2H Datasheet HTML 59Page - Renesas Technology Corp RZ/G2H Datasheet HTML 60Page - Renesas Technology Corp RZ/G2H Datasheet HTML 61Page - Renesas Technology Corp RZ/G2H Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 58 of 169
Jun 30, 2025
Table 3.4.6
DC Characteristics (3.3-V I/O [AVB0])
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
Input high voltage
VIH
2.0
—
VDDQ33 +
0.3
V
VDDQ33 =
3.0 to 3.6 V
―
Input low voltage
VIL
-0.3
—
0.8
V
Output high voltage
VOH
2.4
—
VDDQ33 +
0.3
V
VDDQ33 =
3.0 to 3.6 V
IOH = -4 mA
Output low voltage
VOL
-0.3
—
0.4
V
IOL = 4 mA
Pin capacitance
CL
—
—
10
pF
—
All pins
Input leakage current
high
ILIH
—
—
10
μA
VDDQ33 =
3.0 to 3.6 V
Without pull-up or
pull-down resistor
All input pins
Input leakage current
low
ILIL
-10
—
—
μA
―
Output leakage current
high
ILOH
—
—
10
μA
Hi-Z output
Output leakage current
low
ILOL
-10
—
—
μA
―
Pull-up current
IPU
-34
—
-360
μA
VDDQ33 =
3.0 to 3.6 V
Vin = VSS
Pull-down current
IPD
34
—
360
μA
—
Vin = 3.0 to 3.6 V
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com