Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 47Page - Renesas Technology Corp RZ/G2H Datasheet HTML 48Page - Renesas Technology Corp RZ/G2H Datasheet HTML 49Page - Renesas Technology Corp RZ/G2H Datasheet HTML 50Page - Renesas Technology Corp RZ/G2H Datasheet HTML 51Page - Renesas Technology Corp RZ/G2H Datasheet HTML 52Page - Renesas Technology Corp RZ/G2H Datasheet HTML 53Page - Renesas Technology Corp RZ/G2H Datasheet HTML 54Page - Renesas Technology Corp RZ/G2H Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 51 of 169
Jun 30, 2025
Item
Symbol
Power
Unit
Remarks
Min.
Typ. Max.
Supply current (1.8-V I/O
[CSI])
IDDQ18_CSIn
(n = 0 to 2)
—
—
6.3
4.5
6.3
4.5
mA
mA
mA
mA
VDDQ18_CSIn = 1.9 V (n = 0, 2)
[RZ/G2H] (n = 0)
VDDQ18_CSIn = 1.9 V (n = 1)
[RZ/G2H]
VDDQ18_CSIn = 1.9 V (n = 0)
[RZ/G2M V1.3], [RZ/G2N]
VDDQ18_CSIn = 1.9 V (n = 1)
[RZ/G2M V1.3], [RZ/G2N]
Supply current (1.8-V I/O
[SDHI(SDR50, SDR104)])
IDDQVA_SDn
(n = 0 to 3)
—
—
35
mA
VDDQVA_SDn = 1.9 V (n = 0 to 3)
[RZ/G2H], [RZ/G2M V1.3] , [RZ/G2N]
Supply current
(1.1-V I/O
[DDR(LPDDR4)]
)
Normal
IDDQVA_DDR
n (n = 0, 1)
—
—
470
330
mA
mA
VDDQVA_DDRn = 1.17 V
(n = 0, 1) [RZ/G2M V1.3], [RZ/G2M
V3.0], [RZ/G2H]
VDDQVA_DDRn = 1.17 V
(n = 0) [RZ/G2N]
Condition:
Driver impedance: 40Ω
No termination
Load capacitance: 2.5pF
Write Read rate: 50%, 50%
I/O Toggle rate: 100%
DDR
power
supply
backup
—
—
8
4
3
mA
mA
mA
VDDQVA_DDRn = 1.17 V (n = 0, 1)
[RZ/G2H]
VDDQVA_DDRn = 1.17 V
(n = 0, 1) [RZ/G2M V1.3]
VDDQVA_DDRn = 1.17 V
(n = 0) [RZ/G2N]
Supply current
(0.9-VI/O[SATA])
IDD09_SATA
—
—
162
mA
VDD09_SATA = 0.88 V [RZ/G2H],
[RZ/G2N]
Supply current
(0.9-VI/O[PCIE])
IDD09_PCIEn
(n = 0, 1)
—
—
162
[RZ/G2H],
[RZ/G2N]
90
[RZ/G2M
V1.3]
mA
VDD09_PCIEn = 0.88 V (n = 0, 1)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(0.9-VI/O[USB3])
IDD09_USB3n
(n = 0)
—
—
162
[RZ/G2H],
[RZ/G2N]
90
[RZ/G2M
V1.3]
mA
VDD09_USB3n = 0.88 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(0.9-VI/O[USB3HS])
IDD09_USB3H
Sn (n = 0)
—
—
50.4
[RZ/G2H],
[RZ/G2N]
28
[RZ/G2M
V1.3]
mA
VDD09_USB3HSn = 0.88 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(0.9-VI/O[USB2])
IDD09_USB2n
(n = 0 to 3)
—
—
28
mA
VDD09_USB2n = 0.88 V (n = 0, 1)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(0.9-VI/O[HDMI])
IDDQ09_HDMI
n (n = 0, 1)
—
—
33.7
mA
VDDQ09_HDMIn = 0.88 V (n = 0)
[RZ/G2H], [RZ/G2M V1.3], [RZ/G2N]
Supply current
(0.9-VI/O[LVDS])
IDDQ09_LVDS —
—
9
mA
VDDQ09_LVDS = 0.88 V [RZ/G2H],
[RZ/G2M V1.3], [RZ/G2N]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com