Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 9Page - Renesas Technology Corp RZ/G2H Datasheet HTML 10Page - Renesas Technology Corp RZ/G2H Datasheet HTML 11Page - Renesas Technology Corp RZ/G2H Datasheet HTML 12Page - Renesas Technology Corp RZ/G2H Datasheet HTML 13Page - Renesas Technology Corp RZ/G2H Datasheet HTML 14Page - Renesas Technology Corp RZ/G2H Datasheet HTML 15Page - Renesas Technology Corp RZ/G2H Datasheet HTML 16Page - Renesas Technology Corp RZ/G2H Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 13 of 169
Jun 30, 2025
Item
Description
Video Input Module (VIN)
(For All Products)
digital interface
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• 2 channels (RGB/YCbCr)
• Dotclk 100 MHz
• ITU-R BT.601 interface: 8-, 10- (same size only (not scaling)),
12- (same size only (not scaling)) 16-, 20- (same size only (not
scaling)) or 24-bit (same size only (not scaling)), YCbCr422,
18-bit RGB666, 24-bit RGB888
• ITU-R BT.656 interface: 8-, 10- (same size only (not scaling)),
or 12-bit (same size only (not scaling)) YCbCr422
• ITU-R BT.1358 interface: 16-, 20- (same size only (not
scaling)), or 24-bit (same size only (not scaling)) YCbCr422
• ITU-R BT.709 interface: 8-, 10- (same size only (not scaling)),
12- (same size only (not scaling)) 16-, 20- (same size only (not
scaling)) or 24-bit (same size only (not scaling)) YCbCr422, 18-
bit RGB666, 24-bit RGB888
About Digital RGB channel usage combination,
Refer as follows cases.
CASE1 VIN-A8bit + VIN-B8/12/16
CASE2 VIN-A12bit + VIN-B8/12/16
CASE3 VIN-A16bit + VIN-B8/12
RZ/G2E
• 2 channels (RGB/YCbCr)
• Dotclk 100 MHz
• ITU-R BT.601 interface: 8-, 10- (same size only (not scaling)),
or 12-bit (same size only (not scaling)) YCbCr422, RGB666,
RGB888
• ITU-R BT.656 interface: 8-, 10- (same size only (not scaling)),
or 12-bit (same size only (not scaling)) YCbCr422
• ITU-R BT.1358 interface: 16-, 20- (same size only (not
scaling)), or 24-bit (same size only (not scaling)) YCbCr422
• ITU-R BT.709 interface: 8-, 10- (same size only (not scaling)),
or 12-bit (same size only (not scaling)) YCbCr422, RGB666,
RGB888
Video Input Module (VIN)
(For All Products)
Capturing function
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
Up to 8 input images can be captured (using VC, DT filtering)
RZ/G2E
Up to 2 input images can be captured (using VC, DT filtering)
Clipping function
Up to 4096 × 4096
Horizontal scaling
Up to two times, but only scaling down is possible for HD1080i or
HD1080p data. (one input only)
Vertical scaling
Up to three times, but only scaling down is possible for HD1080i
or HD1080p data. (one input only)
Output format
RGB-565, ARGB-1555, ARGB8888, YCbCr422, RGB888,
YCbCr420 YC separation, and extraction of the Y component



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com