Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 102Page - Renesas Technology Corp RZ/G2H Datasheet HTML 103Page - Renesas Technology Corp RZ/G2H Datasheet HTML 104Page - Renesas Technology Corp RZ/G2H Datasheet HTML 105Page - Renesas Technology Corp RZ/G2H Datasheet HTML 106Page - Renesas Technology Corp RZ/G2H Datasheet HTML 107Page - Renesas Technology Corp RZ/G2H Datasheet HTML 108Page - Renesas Technology Corp RZ/G2H Datasheet HTML 109Page - Renesas Technology Corp RZ/G2H Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 106 of 169
Jun 30, 2025
Table 3.16.3 Ethernet Control Timing (RGMII Tx clock internal Delay Mode) [RZ/G2H, RZ/G2M V1.3,
RZ/G2M V3.0, RZ/G2N]
Conditions: VDDQ33 = 3.3 ± 0.2 V, VDDQ25_ETH = 2.5 ± 0.1V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N], GND = VSS = 0 V, CL = 30 pF
Recommend: Connection of series 25 Ω as damping resistor to RGMII output buffer. [RZ/G2H, RZ/G2M V1.3,
RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
AVB_TXCREFCLK cycle time
—
125 – 50 ppm
—
125 + 50 ppm MHz
—
AVB_TXC cycle time *1
Tcyc
7.2
8
8.8
ns
AVB_TXC duty cycle (in 1 Gbps)
Duty_G
45
50
55
%
AVB_TXC duty cycle (in 100 Mbps)
Duty_T
40
50
60
%
AVB_TX_CTL setup time
TsetupT
1.2 *2
2.0
—
ns
Figure 3.16.5
0.95 *3
AVB_TX_CTL hold time
TholdT
1.2
2.0
—
ns
AVB_TD[3:0] setup time
TsetupT
1.2 *2
2.0
—
ns
0.95 *3
AVB_TD[3:0] hold time
TholdT
1.2
2.0
—
ns
Notes: 1. For 100 Mbps, Tcyc will scale to 40 ns ± 4 ns respectively.
2. For [RZ/G2H, RZ/G2M V3.0, RZ/G2N].
3. For [RZ/G2M V1.3].
Figure 3.16.5 RGMII Delay Mode Transmission Timing
AVB_TXC
AVB_TD[3:0]
AVB_TX_CTL
TD[3:0]
TD[7:4]
TD[3:0]
TXEN
TXERR
TsetupT
TXC with internal
delay added
TholdT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com