Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 129Page - Renesas Technology Corp RZ/G2H Datasheet HTML 130Page - Renesas Technology Corp RZ/G2H Datasheet HTML 131Page - Renesas Technology Corp RZ/G2H Datasheet HTML 132Page - Renesas Technology Corp RZ/G2H Datasheet HTML 133Page - Renesas Technology Corp RZ/G2H Datasheet HTML 134Page - Renesas Technology Corp RZ/G2H Datasheet HTML 135Page - Renesas Technology Corp RZ/G2H Datasheet HTML 136Page - Renesas Technology Corp RZ/G2H Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 133 of 169
Jun 30, 2025
Table 3.26.4 MMC Signal Timing (HS400 mode) [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N and
RZ/G2E]
Conditions: VDDQVA_SDn (n = 2, 3) = 1.8 V ± 0.1 V[RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
VDDQ_SD3 = 1.8 V ± 0.1 V [RZ/G2E], GND = VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 10 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Figures
MMCCLK clock cycle
time
tMMCCYC
5.0
—
—
ns
Figure 3.26.4
MMCDS data strobe
cycle time
tMMCDCYC
5.0
—
—
ns
MMCDS minimum
pulse with
tDSW
2.0
—
—
ns
Input Slew rate with
MMCDS/MMCDAT
tDSISR
1.125
—
—
V/ns
Figure 3.26.5
MMCDAT input data
setup time
tMMCDIDS
—
—
0.6
ns
eMMC0-1 [RZ/G2H,
RZ/G2M V3.0,
RZ/G2N, RZ/G2E]
eMMC0 [RZ/G2M
V1.3]
Figure 3.26.4
0.5
ns
eMMC1 [RZ/G2M
V1.3]
MMCDAT input data
hold time
tMMCDIDH
0.5 × tMMCCYC
– 1.0
—
—
ns
MMCDAT output
data setup time
tMMCDWDS 0.6
—
—
ns
MMCDAT output
data hold time
tMMCDWDH 0.6
—
—
ns
The MMCCMD input timing for HS400 mode is the same as CMD timing for HS200 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com