Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 139Page - Renesas Technology Corp RZ/G2H Datasheet HTML 140Page - Renesas Technology Corp RZ/G2H Datasheet HTML 141Page - Renesas Technology Corp RZ/G2H Datasheet HTML 142Page - Renesas Technology Corp RZ/G2H Datasheet HTML 143Page - Renesas Technology Corp RZ/G2H Datasheet HTML 144Page - Renesas Technology Corp RZ/G2H Datasheet HTML 145Page - Renesas Technology Corp RZ/G2H Datasheet HTML 146Page - Renesas Technology Corp RZ/G2H Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 143 of 169
Jun 30, 2025
3.32 DBSC4 Access Timing
Table 3.32.1 DBSC4 Access Timing (DDR3L) [RZ/G2E]
Conditions for DDR3L: VDDQ_DDR = 1.35 V + 0.100/-0.067 V, GND = VSS = 0 V, Ta = -40 to +85 C,
Tj = -40 to +115 C
MDQ, MDQS, MDQS#, and MDM pins = output driver 34Ω setting, other pins = output driver
40Ω setting
Item
Symbol
Min.
Max.
Unit
Figures
MCK average clock period
tCK(avg)
1.074
1.266
ns
Figure 3.32.2
MCK absolute high pulse width
tCH(abs)
0.44
—
tCK(avg)
Figure 3.32.2
MCK absolute low pulse width
tCL(abs)
0.44
—
tCK(avg)
Figure 3.32.2
Command, Address, and Control output setup
time to MCK, MCK#
tOS(1T)
310
—
ps
Figure 3.32.3
tOS(2T)
890
—
ps
Command, Address, and Control output hold
time from MCK, MCK#
tOH(1T)
310
—
ps
Figure 3.32.3
tOH(2T)
320
—
ps
Command, Address, and Control pulse width
for each output
tOPW(1T)
620
—
ps
Figure 3.32.3
tOPW(2T)
1210
—
ps
Write Latency
WL
CWL
—
tCK(avg)
Figure 3.32.4
MDQS, MDQS# rising edge to MCK, MCK#
rising edge (write)
tWDQSS
-0.20
0.20
tCK(avg)
Figure 3.32.4
MDQS, MDQS# falling edge setup time to
MCK, MCK# rising edge (write)
tWDSS
0.25
—
tCK(avg)
Figure 3.32.4
MDQS, MDQS# falling edge hold time from
MCK, MCK# rising edge (write)
tWDSH
0.25
—
tCK(avg)
Figure 3.32.4
MDQS, MDQS# differential high pulse width
(write)
tWDQSH
0.45
0.55
tCK(avg)
Figure 3.32.5
MDQS, MDQS# differential low pulse width
(write)
tWDQSL
0.45
0.55
tCK(avg)
Figure 3.32.5
MDQS, MDQS# differential WRITE Preamble
(write)
tWPRE
0.9
—
tCK(avg)
Figure 3.32.5
MDQS, MDQS# differential WRITE
Postamble (write)
tWPST
0.3
—
tCK(avg)
Figure 3.32.5
MDQ and MDM output setup time to MDQS,
MDQS# (write)
tWDS
167
—
ps
Figure 3.32.6
MDQ and MDM output hold time from DQS,
DQS# (write)
tWDH
167
—
ps
Figure 3.32.6
MDQ and MDM output pulse width for each
output (write)
tWDIPW
334
—
ps
Figure 3.32.6
Read latency
RL
CL
—
tCK(avg)
Figure 3.32.7
MDQS, MDQS# rising edge input access time
from rising MCK, MCK# (read)
tRDQSCK
-225
1375
ps
Figure 3.32.7
MDQS, MDQS# differential input high pulse
width (read)
tRQSH
0.4
—
tCK(avg)
Figure 3.32.8
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0
RZ/G2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com