Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2H Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # RZ/G2H
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2H Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button RZ/G2H Datasheet HTML 153Page - Renesas Technology Corp RZ/G2H Datasheet HTML 154Page - Renesas Technology Corp RZ/G2H Datasheet HTML 155Page - Renesas Technology Corp RZ/G2H Datasheet HTML 156Page - Renesas Technology Corp RZ/G2H Datasheet HTML 157Page - Renesas Technology Corp RZ/G2H Datasheet HTML 158Page - Renesas Technology Corp RZ/G2H Datasheet HTML 159Page - Renesas Technology Corp RZ/G2H Datasheet HTML 160Page - Renesas Technology Corp RZ/G2H Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 157 of 169
Jun 30, 2025
3.36 HDMI-IF
Table 3.36.1 AC Characteristics (Source AC characteristics at TP1 for HDMI Interface)
Conditions: VDDQ18_HDMIn (n=0,1) = 1.8 V ± 0.1V,
VDDQ09_HDMIn (n=0,1) = 0.82 V + 0.06 V / - 0.07V, GND = VSS = 0V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks,
Figures
Rise time
TR
75
—
—
ps
20%-80%
Figure 3.36.1
Fall time
TF
75
—
—
ps
20%-80%
Figure 3.36.1
Intra-pair skew
Tra
—
—
0.15
Tbit
—
*1 Figure 3.36.2
Inter-pair skew
Ter
—
—
0.20
Tcharacter —
*2 Figure 3.36.3
Eye Diagram Mask
—
—
—
—
—
Eye Diagram Mask
Figure 3.36.4
TMDSCLK frequency FTMDSCLK
25
—
297
MHz
—
TMDSCLK period
PTMDSCLK
3.367
—
40
ns
—
Figure 3.36.5
TMDSCLK Duty cycle TCDC
40
50
60
%
tCDC = tCPH/
PTMDSCLK
Figure 3.36.5
TMDSCLK
Differential Jitter
—
—
—
0.25
Tbit
—
*1
Notes: 1. Tbit Time duration of a single bit carried across the TMDS data channels.
2. Tcharacter Time duration of a single TMDS character carried across the TMDS data channels. This is equal to
10*Tbit.
Figure 3.36.1 TMDS Output Signals Rise and Fall Time Definition for HDMI
Figure 3.36.2 Intra-Pair Skew Definition for HDMI
80%
TR
80%
20%
20%
TF
Tra
AVCC - 1/2 VSWING
Intra-pair skew
TMDSDATAP
TMDSDATAN
RZ/G2H
RZ/G2M V3.0
RZ/G2M V1.3
RZ/G2N
RZ/G2E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com