Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 27Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 28Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 29Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 30Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 31Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 32Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 33Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 34Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 31 of 67
Jun 16, 2025
3.5.3.2
eMMC host interface timing (HS-SDR)
Table 3.24
eMMC Host Interface Timing (MMC HS-SDR 3.3-V Power Supply)
Item
Symbol
Min.
Max.
Unit
Figures
SD0_CLK clock cycle
tMMCPP
30.00
—
ns
Figure 3.9
SD0_CLK clock high level width
tMMCWH
13.50
—
ns
SD0_CLK clock low level width
tMMCWL
13.50
—
ns
SD0_CLK clock rise time
tMMCLH
—
3
ns
SD0_CLK clock fall time
tMMCHL
—
3
ns
SD0_CMD/SDDAT output delay
tMMCODLY
−4.50
4.0
ns
SD0_CMD/SDDAT input set up time
tMMCISU
5.5
—
ns
SD0_CMD/SDDAT input hold time
tMMCIH
2.0
—
ns
SD0_CMD/SDDAT input data width
tMMCIDW
—
—
ns
Table 3.25
eMMC Host Interface Timing (MMC HS-SDR 1.8-V Power Supply)
Item
Symbol
Min.
Max.
Unit
Figures
SD0_CLK clock cycle
tMMCPP
20.00
—
ns
Figure 3.9
SD0_CLK clock high level width
tMMCWH
9.25
—
ns
SD0_CLK clock low level width
tMMCWL
9.25
—
ns
SD0_CLK clock rise time
tMMCLH
—
2.45
ns
SD0_CLK clock fall time
tMMCHL
—
2.45
ns
SD0_CMD/SDDAT output delay
tMMCODLY
−2.00
2.50
ns
SD0_CMD/SDDAT input set up time
tMMCISU
4.00
—
ns
SD0_CMD/SDDAT input hold time
tMMCIH
1.40
—
ns
SD0_CMD/SDDAT input data width
tMMCIDW
—
—
ns
tMMCPP
tMMCWL
tMMCWH
tMMCLH
tMMCHL
tMMCISU tMMCIH
tMMCODLY(max)
tMMCODLY(min)
SD_CLK
(output)
SD_CMD, SD_D7 to SD_D0
(input)
SD_CMD, SD_D7 to SD_D0
(output)
Figure 3.9
eMMC Host Interface Timing (MMC Default/HS-SDR 1.8-V/3.3-V Power Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com