Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 5Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 6Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 7Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 8Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 9Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 10Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 11Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 12Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
RZ/G2UL Group
1. Overview
R01DS0486EJ0110 Rev.1.10
Page 9 of 67
Jun 16, 2025
1.1.11
Peripheral Module
Item
Description
I2C Bus Interface
(I2C)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 4 channels (ch0,1 = Dedicated pin, ch2,3 = Multiplexed pin)
● Master mode and slave mode supported
● Support for 7-bit and 10-bit slave address formats
● Support for multi-master operation
● Timeout detection
Serial Communication Interface
with FIFO
(SCIFA)
[RZ/G2UL (Type-1)]
● 5 channels
[RZ/G2UL (Type-2)]
● 4 channels
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Clock synchronous mode or asynchronous mode selectable
● Simultaneous transmission and reception (full-duplex communication) supported
● Dedicated baud rate generator
● Separate 16-byte FIFO registers for transmission and reception
● Modem control function (channel 0, 1, and 2 in asynchronous mode)
Serial Communication Interface
(SCIg)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 2 channels
● Clock synchronous mode, asynchronous mode, or smart card interface mode is selectable
● Simultaneous transmission and reception (full-duplex communication) supported
● Dedicated baud rate generator
● LSB first / MSB first selectable
● Modem control function
● Encoding and decoding of IrDA communications waveforms in accord with version 1.0 of the
IrDA standard (on channel 0)
Renesas Serial Peripheral
Interface (RSPI)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 3 channels
● SPI operation
● Master mode and slave mode supported
● Programmable bit length, clock polarity, clock phase can be selected
● Consecutive transfers
● LSB first / MSB first selectable
1.1.12
Security
Item
Description
Trusted Secure IP
(TSIP)
[option]
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Security algorism
– Common key encryption: AES
– Non-common key encryption: RSA, ECC
● Other features
– TRNG (true-random number generator)
– Hash value generation: SHA-1, SHA-224, SHA-256, GHASH
– Support of Unique ID
One Time Programmable memory
(OTP)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● A nonvolatile memory that can be written only once
● Security setting, authentication setting are possible
● Support one time read function (128 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com