Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 18Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 19Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 20Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 21Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 22Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 23Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 24Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 25Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 22 of 67
Jun 16, 2025
Table 3.9
DC Characteristics (7) [1.8 V I/O (SD, QSPI)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
1.27
—
2.00
V
Low-level input voltage
VIL
SDn_PVDD − 0.3 —
0.58
V
Output logic high voltage (× 0.5)
VOH
0.8 × SDn_PVDD —
SDn_PVDD
V
(× 0.75)
(× 1.0)
(× 1.5)
Output logic low voltage (× 0.5)
VOL
0
—
0.2 × SDn_PVDD V
(× 0.75)
(× 1.0)
(× 1.5)
Table 3.10
DC Characteristics(8) [I2C Open Drain 3.3 V I/O]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
External pull-up supply
VVDDP
2.7
—
PVDD
V
Input high voltage
VIH
0.7 × VVDDP
—
VVDDP + 0.5
V
Input Low Voltage
VIL
−0.5
—
0.3 × VVDDP
V
Low level output current
IOL
20
—
—
mA
VOL = 0.4 V
Low level output voltage
VOL
—
—
0.4
V
VVDDP > 2 V
Input hysteresis
VHYST
0.1 × VVDDP
—
—
mV
Table 3.11
DC Characteristics (9) [1.2-V Input (DDR4)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC input high level
VIH(DC)
VREF + 0.068
—
—
V
DC input low level
VIL(DC)
—
—
VREF − 0.068
V
AC input high level
VIH(AC)
VREF + 0.093
—
—
V
AC input Low level
VIL(AC)
—
—
VREF − 0.093
V
DC differential input high
VIHdiff
0.136
—
—
V
DC differential input low
VILdiff
—
—
−0.136
V
AC differential input high
VIHdiff(AC)
2 ×
(VIH(AC) − VREF)
—
—
V
AC differential input low
VILdiff(AC)
—
—
2 ×
(VREF − VIL(AC))
V
Differential input cross point voltage
relative to 0.8 × VDDIO for DQS
VIX(DQS)
−0.15
—
0.06
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com