Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/G2UL Datasheet HTML 1Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 2Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 3Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 4Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 5Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 6Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 7Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 8Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
RZ/G2UL Group
1. Overview
R01DS0486EJ0110 Rev.1.10
Page 2 of 67
Jun 16, 2025
1.
Overview
1.1
Outline of Specification
1.1.1
CPU Core
Item
Description
System CPU Cortex-A55
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Arm Cortex-A55 Single MPCore 1.0 GHz
● L1 I-cache 32 Kbytes (Parity) / D-cache 32 Kbytes (ECC)
● L2 cache 0 Kbyte
● L3 cache 256 Kbytes (ECC)
● Arm® NEON™ / FPU supported
● Cryptographic Extension supported
● Arm® v8.2-A architecture
System CPU Cortex-M33
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Arm Cortex-M33 Processor 200 MHz
● Security Extension supported
● Arm® v8-M architecture
Boot
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 6 boot modes
Boot Mode 0: Booting from eSD
Boot Mode 1: Booting from eMMC (1.8 V)
Boot Mode 2: Booting from eMMC (3.3 V)
Boot Mode 3: Booting from a serial flash memory (Single / Quad) connected to the SPI Multi
I/O bus space (1.8 V)
Boot Mode 4: Booting from a serial flash memory (Single / Quad) connected to the SPI Multi
I/O bus space (3.3 V)
Boot Mode 5: Booting from SCIF download
Debug Interface
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Arm® CoreSight™ architecture
● JTAG / SWD interface supported
● ETF 16 Kbytes for program flow trace (each cluster)
● JTAG Disable supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com