Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 51Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 52Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 53Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 54Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 55Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 56Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 57Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 58Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 55 of 67
Jun 16, 2025
3.5.15
Serial Communications Interface with FIFO (SCIFA) Access Timing
Table 3.42
SCIFA Timing
Item
Symbol
Min.
Max.
Unit
Figures
SCIFA
Input clock cycle
Asynchronous
tScyc
4
—
tp1cyc*1
Figure 3.41
Clocked
synchronous
12
—
Input clock pulse width
tSCKW
0.4
0.6
tp1cyc*1
Input clock rise time
tSCKr
—
5
ns
Input clock fall time
tSCKf
—
5
ns
Output clock cycle
Asynchronous*2
tScyc
8
—
tp1cyc*1
Clocked
synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tp1cyc*1
Output clock rise time
tSCKr
—
9
ns
Output clock fall time
tSCKf
—
9
ns
Transmit data delay time
Internal clock
tTXD
−10
10
ns
Figure 3.42
External clock
3 × tp1cyc*1 4 × tp1cyc*1
+ 20
Receive data setup time
Internal clock
tRXS
3 × tp1cyc*1
+ 20
—
ns
External clock
tp1cyc*1 +
10
—
Receive data hold time
Internal clock
tRXH
−3 ×
tp1cyc*1
—
ns
External clock
2 × tp1cyc*1
+ 10
—
Note: AC access timing condition: drive ability 12mA, output load 30pF, slew rate = fast
Note 1.
tp1cyc indicates peripheral clock means SCIFn_CLK_PCK (P0ϕ) (n = 0 to 4).
Note 2.
When the SEMR.ABCS0 and SEMR.BGDM bits are set to 1.
SCIFn_SCK
(n = 0 to 4)
tSCKW
tScyc
tSCKr
tSCKf
Figure 3.41
SCK Input Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com