Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 37Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 38Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 39Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 40Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 41Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 42Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 43Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 44Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 41 of 67
Jun 16, 2025
3.5.7
JTAG Debugger Interface Access Timing
Table 3.34
Debugger IF Timing
Item
Symbol
Min.
Max.
Unit
Figures
TCK_SWCLK cycle time
tTCKcyc
50
—
ns
Figure 3.22
TCK_SWCLK high pulse width
tTCKH
20
—
ns
Figure 3.23
TCK_SWCLK low pulse width
tTCKL
20
—
ns
TDI setup time
tTDIS
15
—
ns
TDI hold time
tTDIH
15
—
ns
TMS_SWDIO setup time
tTMSS
15
—
ns
TMS_SWDIO hold time
tTMSH
15
—
ns
SWDIO delay time
tSWDO
—
14
ns
TDO delay time
tTDOD
—
14
ns
Capture register setup time
tCAPTS
10
—
ns
Figure 3.24
Capture register hold time
tCAPTH
10
—
ns
Update register delay time
tUPDATED
—
20
ns
1/2 JTAG_PVDD
tTCKcyc
tTCKH
tTCKL
VIH
VIH
VIL
VIL
VIH
1/2 JTAG_PVDD
Figure 3.22
TCK_SWDCLK Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com