Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 19Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 20Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 21Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 22Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 23Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 24Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 25Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 26Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 23 of 67
Jun 16, 2025
Table 3.12
DC Characteristics (10) [1.35-V Input (DDR3L)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC input high level
VIH(DC)
VREF + 0.09
—
—
V
DC input low level
VIL(DC)
—
—
VREF − 0.09
VREF =0.5 x
DDR_VDDQ
AC input high level
VIH(AC)
VREF + 0.135
—
—
V
AC input low level
VIL(AC)
—
—
VREF − 0.135
V
VREF =0.5 x
DDR_VDDQ
DC differential input high
VIHdiff
0.18
—
—
V
DC differential input low
VILdiff
—
—
−0.18
V
AC differential input high
VIHdiff(AC)
2 ×
(VIH(AC) − VREF)
—
—
V
AC differential input low
VILdiff(AC)
—
—
2 ×
(VREF − VIL(AC))
V
VREF =0.5 x
DDR_VDDQ
Differential input cross point voltage
relative to 0.5 × DDR_VDDQ for DQS
VIX(DQS)
−0.075
—
0.075
V
Table 3.13
DC Characteristics (11) [1.2-V Output (DDR4)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC output high measurement level
(for IV curve linearity)
VOH(DC)
—
1.1 × DDR_VDDQ —
V
The swing of ± 0.15 ×
DDR_VDDQ is based on
approximately 50% of
the static single-ended
output peak-to-peak
swing with a driver
impedance of 40Ω and
an effective test load of
50Ω to VTT = DDR_VDDQ.
DC output mid measurement level
(for IV curve linearity)
VOM(DC)
—
0.8 × DDR_VDDQ —
V
DC output low measurement level
(for IV curve linearity)
VOL(DC)
—
0.5 × DDR_VDDQ —
V
AC output high measurement level
(for output slew rate)
VOH(AC)
—
0.85 ×
DDR_VDDQ
—
V
AC output low measurement level
(for output slew rate)
VOL(AC)
—
0.55 ×
DDR_VDDQ
—
V
Table 3.14
DC Characteristics (12) [1.35-V Output (DDR3L)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC output high measurement level
(for IV curve linearity)
VOH(DC)
—
0.8 × DDR_VDDQ —
V
The swing of ± 0.1 ×
DDR_VDDQ is based on
approximately 50% of
the static single-ended
output high or low swing
with a driver impedance
of 40Ω and an effective
test load of 25Ω to VTT =
DDR_VDDQ/2.
DC output mid measurement level
(for IV curve linearity)
VOM(DC)
—
0.5 × DDR_VDDQ —
V
DC output low measurement level
(for IV curve linearity)
VOL(DC)
—
0.2 × DDR_VDDQ —
V
AC output high measurement level
(for output slew rate)
VOH(AC)
—
VTT + 0.1 ×
DDR_VDDQ
—
V
AC output low measurement level
(for output slew rate)
VOL(AC)
—
VTT − 0.1 ×
DDR_VDDQ
—
V
Table 3.15
DC Characteristics (13) [DDR4 Cross Point Voltage for Differential Output Signals (CK/DQS)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Differential output cross point voltage
relative to 0.67 × DDR_VDDQ
VOX(CK/DQS) −0.06
—
0.06
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com