Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 13Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 14Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 15Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 16Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 17Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 18Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 19Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 20Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 17 of 67
Jun 16, 2025
3.2
Power Supply
Table 3.2
Power Supply
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Power supply voltage (3.3 V)
PVDD
2.97
3.30
3.63
V
—
Power supply voltage (1.8 V)
VDD18, ADC_AVDD18
1.62
1.80
1.98
V
—
OTP_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (1.1 V)
VDD
1.05
1.10
1.15
V
—
Power supply voltage (USB)
USB_VDD33
3.00
3.30
3.60
V
—
USB_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (SD)
SD0_PVDD,
SD1_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (SPI)
SPI_PVDD
2.97
3.30
3.63
V
When 3.3 V is supplied
1.70
1.80
1.95
V
When 1.8 V is supplied
Power supply voltage (Ether)
PVDD182533_0/1
2.97
3.30
3.63
V
When 3.3 V is supplied
2.25
2.50
2.75
V
When 2.5 V is supplied
1.62
1.80
1.98
V
When 1.8 V is supplied
Power supply voltage (CSI)
CSI_VDD18
1.65
1.80
1.95
V
—
Power supply voltage (DDR)
DDR_VDDQ
1.14
1.20
1.26
V
When using DDR4
1.283
1.35
1.45
V
When using DDR3L
Power supply voltage (PLL)
PLL1_AVDD18,
PLL23_AVDD18,
PLL4_AVDD18,
PLL5_AVDD18,
PLL6_AVDD18
1.62
1.80
1.98
V
—
PLL23_DVDD11,
PLL5_DVDD11
1.05
1.10
1.15
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com