Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 55Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 56Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 57Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 58Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 59Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 60Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 61Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 62Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 59 of 67
Jun 16, 2025
3.5.17
Renesas Serial Peripheral Interface (RSPI) Access Timing
Table 3.44
Renesas Serial Peripheral Interface Timing
Item
Symbol
Min.
Max.
Unit
Figure
RSPCK clock cycle
Master
tSPcyc
2
4096
tp1cyc*1
Figure 3.45
Slave
8
4096
RSPCK clock high pulse width
Master
tSPCKWH
0.4
—
tSPcyc*1
Slave
0.4
—
RSPCK clock low pulse width
Master
tSPCKWL
0.4
—
tSPcyc*1
Slave
0.4
—
Data input setup time
Master
tSU
10
—
ns
Figure 3.46 to
Figure 3.49
Slave
0
—
tp1cyc*1
Data input hold time
Master
tH
0
—
ns
Slave
4
—
tp1cyc*1
SSL setup time
Master
tLEAD
1 × tSPcyc − 20
8 × tSPcyc
ns
Slave
4
—
tp1cyc*1
SSL hold time
Master
tLAG
1 × tSPcyc
8 × tSPcyc + 20
ns
Slave
4
—
tp1cyc*1
Data output delay time
Master
tOD
—
19
ns
Slave
—
4
tp1cyc*1
Data output hold time
Master
tOH
5
—
ns
Slave
2
—
tp1cyc*1
Continuous transmission delay time
Master
tTD
1 × tSPcyc + 2 × tcyc 8 × tSPcyc + 2 × tcyc ns
Slave
4 × tcyc
—
Slave access time
tSA
—
4
tp1cyc*1
Figure 3.48,
Figure 3.49
Slave out release time
tREL
—
3
tp1cyc*1
Note: AC access timing condition: drive ability 12mA, output load 30pF, slew rate = fast
Note 1.
tp1cyc indicates peripheral clock means RSPIn_CLKB (P0ϕ) (0 to 2).
RSPIn_CK
slave select input
tSPCKWH
RSPIn_CK
master select output
tSPCKWL
tSPcyc
VIL
VIH
VIH
VIL
tSPCKWH
tSPCKWL
tSPcyc
VOL
VOH
VOH
VOL
Note: n = 0 to 2
Figure 3.45
Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com