Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 3Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 4Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 5Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 6Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 7Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 8Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 9Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 10Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
RZ/G2UL Group
1. Overview
R01DS0486EJ0110 Rev.1.10
Page 7 of 67
Jun 16, 2025
1.1.9
Storage and Network
Item
Description
USB2.0 Host / Function
(USB)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 2 channels (ch0: Host-Function ch1: Host only)
● Compliance with USB2.0
● Supports On-The-Go (OTG) Function
● Supports Battery Charging Function
● Internal dedicated DMA
Gigabit Ethernet Interface
(GbE)
[RZ/G2UL (Type-1)]
● 2 channels
[RZ/G2UL (Type-2)]
● 1 channel
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● Supports transfer at 1000 Mbps and 100 Mbps, 10 Mbps
● Supports filtering of Ethernet frames
● Supports interface conforming to IEEE802.3 PHY RGMII (Reduced Gigabit Media Independent
Interface)
● Supports interface conforming to IEEE802.3 PHYMII (Media Independent Interface)
CANFD Interface
(RS-CANFD)
[RZ/G2UL (Type-1) RZ/G2UL (Type-2)]
● 2 channels
● ISO 11898-1 (2003) compliant
● CAN-FD ISO 11898-1 (CD2014) compliant
● Message buffer
– Up to 64 × 2-channel receive message buffer: Shared among all channels
– 16 transmit message buffers per channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com