Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 42Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 43Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 44Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 45Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 46Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 47Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 48Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 49Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 46 of 67
Jun 16, 2025
3.5.9
Control Signal Access Timing
Table 3.36
Control Signal Timing
Item
Symbol
Min.
Max.
Unit
Figures
PRST# pulse width
tRESW
20
—
tcyc*1
Figure 3.29
TRST# pulse width
tTRSW
20
—
tcyc*1
NMI pulse width
tNMIW
20
—
tcyc*1
Figure 3.31
IRQ pulse width
tIRQW
20
—
tcyc*1
TINT pulse width
tTINTW
20
—
tcyc*1
PRST# input rise time
tRSr
—
500
μs
Figure 3.30
Note 1.
tcyc = 41.666 ns (24 MHz)
PRST#
TRST#
tRESW / tTRSW
Figure 3.29
Reset Input Timing 1
PRST#
TRST#
tRSr
Figure 3.30
Reset Input Timing 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com