Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2UL Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RZ/G2UL
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2UL Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RZ/G2UL Datasheet HTML 17Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 18Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 19Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 20Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 21Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 22Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 23Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 24Page - Renesas Technology Corp RZ/G2UL Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
RZ/G2UL Group
3. Electrical Characteristics
R01DS0486EJ0110 Rev.1.10
Page 21 of 67
Jun 16, 2025
Table 3.6
DC Characteristics (4) [1.8-V Input]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
0.65 × VDD18
—
VDD18 + 0.3
V
Low-level input voltage
VIL
−0.3
—
0.35 × VDD18
V
Table 3.7
DC Characteristics (5) [RGMII/MII]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Power supply voltage
PVDD182533_n
2.97
3.3
3.63
V
3.3-V RGMII/MII
Input logic high
VIH
2.6
—
—
V
Input logic low
VIL
—
—
0.7
V
Output logic high voltage @ 7.7 mA
VOH
2.1
—
3.6
V
Output logic low voltage @ 9.3 mA
VOL
0
—
0.5
V
Power supply voltage
PVDD182533_n
2.25
2.5
2.75
V
2.5-V RGMII/MII
Input logic high
VIH
1.9
—
—
V
Input logic low
VIL
—
—
0.7
V
Output logic high voltage
VOH
2.0
—
PVDD182533_n
V
Output logic low voltage
VOL
VSS
—
0.4
V
Power supply voltage
PVDD182533_n
1.62
1.8
1.98
V
1.8-V RGMII/MII
Input logic high
VIH
0.7 ×
PVDD182533_n
—
PVDD182533_n +
0.3
V
Input logic low
VIL
VSS − 0.3
—
0.3 ×
PVDD182533_n
V
Output logic high @ IOH = 100 µA
VOH
0.85 ×
PVDD182533_n
—
PVDD182533_n
V
Output logic low @ IOL = 100 µA
VOL
VSS
—
0.15 ×
PVDD182533_n
V
Note: n = 0, 1
Table 3.8
DC Characteristics (6) [3.3 V I/O (SD, QSPI)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
0.625 ×
SDn_PVDD
—
SDn_PVDD + 0.3 V
Low-level input voltage
VIL
SDn_PVDD − 0.3 —
0.25 ×
SDn_PVDD
V
Output logic high voltage
(× 0.5)
VOH
0.75 ×
SDn_PVDD
—
SDn_PVDD
V
(× 0.75)
(× 1.0)
(× 1.5)
Output logic low voltage
(× 0.5)
VOL
0
—
0.125 ×
SDn_PVDD
V
(× 0.75)
(× 1.0)
(× 1.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com