Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 121Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 122Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 123Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 124Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 125Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 126Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 127Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 128Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 125 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note:
tPcyc refers to the period of PCLKA in SCI10 and SCI11, and of PCLKB in SCI0 to SCI9, and SCI12.
Note 1. Cb is the total capacitance of the bus lines.
Figure 2.49
Simple IIC Bus Interface Input/Output Timing
Table 2.37
Simple IIC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Simple IIC
(Standard-mode)
SSCL, SSDA input rise time
tSr
—
1000
ns
Figure 2.49
SSCL, SSDA input fall time
tSf
—
300
ns
SSCL, SSDA input spike pulse removal time
tSP
04 × tPcyc
ns
Data input setup time
tSDAS
250
—
ns
Data input hold time
tSDAH
0—
ns
SSCL, SSDA capacitive load
Cb*1
—
400
pF
Simple IIC
(Fast-mode)
SSCL, SSDA input rise time
tSr
—
300
ns
SSCL, SSDA input fall time
tSf
—
300
ns
SSCL, SSDA input spike pulse removal time
tSP
04 × tPcyc
ns
Data input setup time
tSDAS
100
—
ns
Data input hold time
tSDAH
0—
ns
SSCL, SSDA capacitive load
Cb*1
—
400
pF
SSDA0 to SSDA12
SSCL0 to SSCL12
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Test conditions
VIH = 0.7 × VCC, VIL = 0.3 × VCC
VOL = 0.6 V, IOL = 6 mA
Sr*1
Note 1. S, P, and Sr indicate the following conditions.
S: START condition
P: STOP condition
Sr: Repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com