Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 125Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 126Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 127Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 128Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 129Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 130Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 131Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 132Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 129 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.7.10
RSCI
Note 1. tPAcyc: PCLKA cycle; tScyc: SCK cycle
Figure 2.55
SCK Clock Input Timing
Figure 2.56
RSCI Input/Output Timing: Clock Synchronous Mode
Table 2.39
RSCI Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-speed interface high-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit*1
Test
Conditions
RSCI
Input clock cycle
Asynchronous
tScyc
4
—
tPAcyc Figure 2.55
Clock synchronous
2
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—5
ns
Input clock fall time
tSCKf
—5
ns
Output clock cycle
Asynchronous
tScyc
6—
tPAcyc
Clock synchronous
2
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
—5
ns
Output clock fall time
tSCKf
—5
ns
Receive data setup time
Master
tRXS
0.5
—
ns
Figure 2.56
Slave
2.5
—
Receive data hold time
Master
tRXH
11
—
ns
Slave
2.5
—
Transmit data delay time
Master
tTXD
—4
ns
Slave
—
15
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 010, 011)
tTXD
tRXS tRXH
TXDn
RXDn
SCKn
(n = 010, 011)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com