Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 126Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 127Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 128Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 129Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 130Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 131Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 132Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 133Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 130 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note:
tPAcyc: PCLKA cycle
Note 1. Cb is the total capacitance of the bus lines.
Figure 2.57
Simple IIC Bus Interface Input/Output Timing
Table 2.40
Simple IIC Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr,
High-speed interface high-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Simple IIC
(Standard-mode)
SSCL, SSDA input rise time
tSr
—
1000
ns
Figure 2.57
SSCL, SSDA input fall time
tSf
—
300
ns
SSCL, SSDA input spike pulse removal time
tSP
04 × tPAcyc
ns
Data input setup time
tSDAS
250
—
ns
Data input hold time
tSDAH
0—
ns
SSCL, SSDA capacitive load
Cb*1
—
400
pF
Simple IIC
(Fast-mode)
SSCL, SSDA input rise time
tSr
—
300
ns
SSCL, SSDA input fall time
tSf
—
300
ns
SSCL, SSDA input spike pulse removal time
tSP
04 × tPAcyc
ns
Data input setup time
tSDAS
100
—
ns
Data input hold time
tSDAH
0—
ns
SSCL, SSDA capacitive load
Cb*1
—
400
pF
SSDA010, SSDA011
SSCL010, SSCL011
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Test conditions
VIH = 0.7 × VCC, VIL = 0.3 × VCC
VOL = 0.6 V, IOL = 6 mA
Sr*1
Note 1. S, P, and Sr indicate the following conditions.
S: START condition
P: STOP condition
Sr: Repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com