Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 160Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 161Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 162Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 165Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 164 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 1. Definition of program/erase cycle:
The program/erase cycle is the number of erasing for each block. When the number of program/erase cycles is n, each block
can be erased n times. For instance, when 4-byte program is performed 512 times for different addresses in 2-Kbyte block and
then the block is erased, the program/erase cycle is counted as one. However, the same address cannot be programmed more
than once before the next erase cycle (overwriting is prohibited).
Note 2. Characteristics are degraded as the number of program/erase increases. This is the minimum value of program/erase cycles to
guarantee all characteristics listed in this table.
Note 3. This shows the characteristic when the flash memory writer or self-programming library from Renesas Electronics is in use, and
the number of times programming and erasure proceed does not exceed the specified value.
Note 4. These values are based on the results of reliability testing.
Table 2.62
Data Flash Memory Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Temperature range for programming/erasure: Ta = Topr
Item
Symbol
FCLK = 4 MHz
FCLK = 15 MHz
20 MHz ≤ FCLK ≤ 60
MHz
Unit
Test
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time 4 bytes
tDP4
—
0.36
3.8
—
0.18
1.9
—
0.16
1.7
ms
Erasure time
64 bytes
tDP64
—3.1
18
—1.9
11
—1.7
10
ms
128 bytes
tDP128
—4.7
27
—2.9
16
—2.6
15
ms
256 bytes
tDP256
—8.9
50
—5.4
31
—4.9
28
ms
Blank check time
4 bytes
tDBC4
——
84
——
33
——
30
µs
64 bytes
tDBC64
—
—
280
—
—
110
—
—
100
µs
2 Kbytes
tDBC2K
—
—
6160
—
—
2420
—
—
2200
µs
Reprogramming/erasure
cycle*1
NDPEC 100000
*2
—
—
100000
*2
—
—
100000
*2
——
Times
Suspend delay time during
programming
tDSPD
—
—
264
—
—
132
—
—
120
µs
First suspend
delay time during
erasure
(in suspend prior-
ity mode)
64 bytes
—
—
—
216
—
—
132
—
—
120
µs
128 bytes
—
—
—
216
—
—
132
—
—
120
µs
256 bytes
—
—
—
216
—
—
132
—
—
120
µs
Second suspend
delay time during
erasure
(in suspend prior-
ity mode)
64 bytes
—
—
—
300
—
—
300
—
—
300
µs
128 bytes
—
—
—
390
—
—
390
—
—
390
µs
256 bytes
—
—
—
570
—
—
570
—
—
570
µs
Suspend delay
time during eras-
ing
(in erasure prior-
ity mode)
64 bytes
—
—
—
300
—
—
300
—
—
300
µs
128 bytes
—
—
—
390
—
—
390
—
—
390
µs
256 bytes
—
—
—
570
—
—
570
—
—
570
µs
Forced stop command
tFD
——
32
——
22
——
20
µs
Data hold time*3, *4
tDDRP
20
—
—
20
—
—
20
—
—
Year Ta ≤ 85°C
10
—
—
10
—
—
10
—
—
Ta ≤ 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com