Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 163Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 164Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 165Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 166Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 167Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 168Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 169Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 170Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 167 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.13
Boundary Scan
Figure 2.102 Boundary Scan TCK Timing
Figure 2.103 Boundary Scan TRST# Timing
Table 2.64
Boundary Scan Characteristics
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr,
Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF,
High-drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
TCK clock cycle time
tTCKcyc
100
—
—
ns
Figure 2.102
TCK clock high pulse width
tTCKH
45
—
—
ns
TCK clock low pulse width
tTCKL
45
—
—
ns
TCK clock rise time
tTCKr
——
5
ns
TCK clock fall time
tTCKf
——
5
ns
TRST# pulse width
tTRSTW
20
—
—
tTCKcyc Figure 2.103
TMS setup time
tTMSS
20
—
—
ns
Figure 2.104
TMS hold time
tTMSH
20
—
—
ns
TDI setup time
tTDIS
20
—
—
ns
TDI hold time
tTDIH
20
—
—
ns
TDO data delay time
tTDOD
—
—
40
ns
TCK
tTCKcyc
tTCKH
tTCKf
tTCKL
tTCKr
RES#
TRST#
TCK
tTRSTW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com