Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A22
9
Ordering Information
Subassembled .......................The Pushbutton, Lamp, or Switch can be ordered separately. Use them in combination for models that are not
available as assembled Units. These can also be used as inventory for maintenance parts.
Lamp
LED Lamp
*1. For voltage-reduction lighting, use the A22-24A
@. Only 24-V LED lamps can be used.
*2. Used when the Pushbutton color is yellow or white.
Incandescent Lamp
Switch (Standard Load)
No Voltage Reduction Unit
Voltage Reduction Unit
*1. A DPST-NO model is shown here as an example.
*2. For a model with a Voltage Reduction Unit, use the A22-24A
@. Only 24-V LED lamps can be used.
Operating voltage
6 VAC/VDC
12 VAC/VDC
24 VAC/VDC
Appearance
LED Color
Model
Model
Model
AC
and
DC
Red
A22-6AR
A22-12AR
A22-24AR
Green
A22-6AG
A22-12AG
A22-24AG
Yellow *2
A22-6AY
A22-12AY
A22-24AY
Blue
A22-6AA
A22-12AA
A22-24AA
Appearance
Operating
voltage
5 VAC/VDC
12 VAC/VDC
24 VAC/VDC
A22-5
A22-12
A22-24
Classification
Appearance
Non-lighted
Lighted
Operation
Momentary
Alternate
Momentary
Alternate
Contacts
Model
Model
Model
Model
Standard
load
SPST-NO
A22-10M
A22-10A
A22L-10M
A22L-10A
SPST-NC
A22-01M
A22-01A
A22L-01M
A22L-01A
SPST-NO + SPST-NC A22-11M
A22-11A
A22L-11M
A22L-11A
SPST-NO + SPST-NO A22-20M
A22-20A
A22L-20M
A22L-20A
SPST-NC + SPST-NC A22-02M
A22-02A
A22L-02M
A22L-02A
Classification
Appearance
110 VAC, Lighted
220 VAC, Lighted
Operation
Momentary
Alternate
Momentary
Alternate
Contacts
Model
Model
Model
Model
Standard
load
SPST-NO
A22L-10M-T1
A22L-10A-T1
A22L-10M-T2
A22L-10A-T2
SPST-NC
A22L-01M-T1
A22L-01A-T1
A22L-01M-T2
A22L-01A-T2
SPST-NO + SPST-NC A22L-11M-T1
A22L-11A-T1
A22L-11M-T2
A22L-11A-T2
SPST-NO + SPST-NO A22L-20M-T1
A22L-20A-T1
A22L-20M-T2
A22L-20A-T2
SPST-NC + SPST-NC A22L-02M-T1
A22L-02A-T1
A22L-02M-T2
A22L-02A-T2
Ordering set combinations: Refer to pages 3 to 6.
■ Specifications and dimensions: See pages 13 to 16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com