Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
A22
10
Ordering Information
Accessories (Order Separately)
Accessories
Item
Appearance
Classification
Model
Remarks
Switch Blocks
SPST-NO
Standard load
A22-10
Order Switch Blocks to add an SPST-NO
(A22-10) or SPST-NC (A22-01) Switch
Block (for standard loads) or to replace a
Switch Block.
Microload
A22-10S
SPST-NC
Standard load
A22-01
Microload
A22-01S
DPST-NO
Standard load
A22-20
Microload
A22-20S
DPST-NC
Standard load
A22-02
Microload
A22-02S
SPST-NO + SPST-NC
Standard load
A22-11
Microload
A22-11S
Lamp Sockets
Direct lighting
A22-TN
Voltage-reduction
lighting
110 VAC
A22-T1
Used when changing the lighting method.
(LED only)
220 VAC
A22-T2
Mounting Latches
For momentary models
A22-3200
Provided as standard. Order Mounting
Latches only when mounting Switch Blocks
or Lamp Sockets that are purchased individ-
ually.
For alternate models
A22-3210
Legend
Plate
Frames
Standard
size
With Snap-in Legend Plate
(Without text)
White
A22Z-3321
Snap-in Legend Plate is acrylic.
Red
A22Z-3322
Black
A22Z-3323
Without Snap-in Legend Plate
A22Z-3320
Large size
With Snap-in Legend Plate
(Without text)
White
A22Z-3331
Snap-in Legend Plate is acrylic.
Red
A22Z-3332
Black
A22Z-3333
Without Snap-in Legend Plate
A22Z-3330
Lock Ring
Round
A22Z-3360
This Lock Ring is used when a more secure
lock feature is required.
Metallic Bezel Rings
For flat or projection models
A22Z-3580
Replace with the standard model.
Material: Copper alloy-Nickel chrome plating
Cannot be used with the M22.
For full-guard models
A22Z-3582
Sealing Caps
For flat models
A22Z-3600F
Used to prevent dust or water from entering
the Operation Unit (Pushbutton, etc.).
Color: opaque
Material: silicon
For projection models
A22Z-3600T
For full-guard models
A22Z-3600G
Color Caps
Red
A22Z-30TR
Used for changing the Pushbutton color of
the (round) Pushbutton Switches. Cannot
be used, however, with Half-guard Switch-
es.
Green
A22Z-30TG
Yellow
A22Z-30TY
White
A22Z-30TW
Blue
A22Z-30TA
Caps
For A22
For projection, full-guard, or half-guard models
A22Z-3490
Material: polycarbonate resin
For M22
For round models
A22Z-3495
Three-throw Spacer
---
A22Z-3003
Used when mounting three Nonlighted
Switches. Cannot be used with Alternate
action type, knob-type Selector, and Key-
type Selector because of the structure.
Mushroom-type Switch provides an A22Z-
3003, three-throw spacer. (See page 28.)
Hole Plug
Round
A22Z-3530
Can be plugged into pre-cut panel holes for
future expansion. The color is black.
Color: Black
Control Boxes
(Enclosures)
One hole
A22Z-B101
For those designed A22Z-B1
@, DPST-NO
or DPST-NC Switches cannot be used.
A22Z-B2
@ Control Boxes, A22-series alter-
nate operation models, and DPST-NO,
DPST-NC, and SPST-NO + SPST-NC con-
tacts cannot be used.
Material: Polycarbonate resin
A22Z-B201
One hole, yellow box (for emergency stop)
A22Z-B101Y
A22Z-B201Y
Two holes
A22Z-B102
A22Z-B202
Three holes
A22Z-B103
A22Z-B203
Connectors
Applicable cable
diameter (mm)
7 to 9 dia.
A22Z-3500-1
Plastic connector used to extend a cable
from the Switch Box. (See 9 to 11 dia. A22Z-
3500-2 page 27.)
9 to 11 dia.
A22Z-3500-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com