Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
A22
23
Safety Precautions
Refer to Safety Precautions for All Pushbutton Switches/Indicators.
Do not apply a voltage between the incandescent
lamp and the terminal that is greater than the rated
voltage. If the incandescent lamp is broken, the
Operation Units may pop out.
Always turn OFF the power and wait for 10 minutes
before replacing the incandescent lamp. If the lamp is replaced
immediately after the power is turned OFF, the remaining heat
may cause burns.
Mounting
• Do not perform wiring with power supplied to the Switch. Do not
touch the terminals or other charged parts of the Switch while
power is being supplied. Doing so may result in electric shock.
• Always make sure that the power is turned OFF before mounting,
removing, or wiring the Switch, or performing maintenance.
Do not tighten the mounting ring more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting
ring.
The tightening torque is 0.98 to 1.96 N·m.
• Recommended panel thickness: 1 to 5 mm.
• When mounting the caps after changing the LED or the caps,
tighten the caps at a tightening torque of 0.49 tp 0.78 N·m.
Wiring
• Terminal screws must be Phillips or slotted M3.5 screws with a
square washer.
• The tightening torque is 1.08 to 1.27 N·m.
• Solid wires, stranded wires, and crimp terminals can be connected
to the Switch.
Applicable Wire Size
Stranded wire: 2 mm2 max.
Solid wire: 1.6 dia. max.
Bare Crimp Terminals
Crimp Terminals with Insulating Sheath
• After wiring the Switch, maintain an appropriate clearance and
creepage distance.
Operating Environment
• The IP65 model is designed with a degree of protection so that it
will not sustain damage if it is subjected to water from any direction
to the front of the panel.
• This switch is intended for indoor use only.
Using the Switch outdoors will result in failure.
LED
• The LED current-limiting resistor is built-in, so internal resistance is
not required.
• If commercially available LEDs are used, select the ones that meet
the following conditions:
Base: BA9S/13
Overall length: 26 mm max.
Power consumption: 2.6 W max.
When DC-specific LEDs are used, wire the Switch so that the X1
terminal is positive.
• Mis-lighting of the LED
The LED lights with approx. 0.1 mA or less of micro-current. Take
a countermeasure like adding a resistor to prevent mis-lighting in
parallel to the LED.
The micro-current varies with the machine (leak current or stray
capacity between cables, etc.). Select resistance value and
allowable power consumption that meet the actual current.
Others
• If the panel is to be finished with coating, etc., make sure that the
panel meets the specified dimensions after the coating.
• Do not subject the Switch to extreme shock or vibration. Doing so
will cause malfunctions and damage to the Switch.
Using the Microload
• Insert a contact protection circuit, if necessary, to prevent the
reduction of life expectancy due to extreme wear on the contacts
caused by loads where inrush current occurs when the contact is
opened and closed.
The minimum applicable load is the N-level reference value. This
value indicates the malfunction reference level for the reliability
level of 60% (
λ 60) (conforming to JIS C5003).
The equation,
λ 60 = 0.5 x 10−6/operations indicates that the
estimated malfunction rate is less than 1/2,000,000 operations with
a reliability level of 60%.
WARNING
Precautions for Correct Use
8 mm max.
8 mm max.
16.0 mm max.
16.0 mm max.
8 mm max.
20.2 mm max.
8 mm max.
20.2 mm max.
X1
X2
LED
lamp
R:10k
Ω (1W)
Bleeder resistor
(Circuit example)
In case of using 24 VAC/VDC, Direct lighting
Microload area
Standard
load area
Invalid
area
0.1
1
10
100
1,000
10 mA
1 mA
5
12
24
30
0.16 mA
1.6 mA
100 mA
Current (mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com