Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
A22
13
Specifications
Approved Standard Ratings
UL, cUL (File No. E41515)
6 A at 220 VAC, 10 A at 110 VAC
Note: Only Switch Blocks and Lamp Sockets are recognized by UL.
Refer to Page 10 for the model numbers.
EN60947-5-1 (Low Voltage Directive)
3 A at 220 VAC
CCC (GB14048.5)
3 A at 240 VAC, 1.5 A at 24 VDC
Ratings
Contacts (Standard Load)
Note: 1. The above ratings were obtained by conducting tests under the
following conditions.
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5% RH
(3) Operating frequency: 20 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC
Contacts (Microload)
LED Indicators
Incandescent Lamp
Voltage-reduction Lighting
Contacts
(Standard
Load)
Rated
voltage
Rated current (A)
Induc-
tive load
Resis-
tive load
Induc-
tive load
Resis-
tive load
10A
24 VAC
10
10
---
---
110 VAC
5
10
220 VAC
3
6
380 VAC
2
3
440 VAC
1
2
24 VDC
---
---
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Rated applicable load
50 mA at 24 VDC (Resistive load)
Minimum applicable load
1 mA at 5 VDC
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
8 mA
6 VAC/VDC
±5%
12 VAC/VDC
12 VAC/VDC
±5%
24 VAC/VDC
24 VAC/VDC
±5%
Rated voltage
Rated current
Operating voltage
6 VAC/VDC
200 mA
5 VAC/VDC
14 VAC/VDC
80 mA
12 VAC/VDC
28 VAC/VDC
40 mA
24 VAC/VDC
Rated
voltage
Rated
current
Operating voltage
Applicable lamp
(BA9S/Base: 13)
110 VAC
8 mA
100 VAC
(95 to 115 V)
LED Lamp
(A22-24A
@)
220 VAC
200 VAC
(190 to 230 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com