Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
A22
17
Dimensions
(Unit: mm)
Terminal Arrangement (Bottom View)
Terminal Connection
Panel Cutouts
Lock ring is provided as a standard item.
• When applying coating such as paint to the panel, the dimensions should be those after the application of coating.
• Recommended panel thickness: 1 to 5 mm.
• Use an A22Z-R25 Ring when mounting to a panel with 25-mm holes.
Non-lighted
(SPST-NO + SPST-NC)
Lighted
(SPST-NO + SPST-NC)
Non-lighted
(DPST-NO + DPST-NC)
Item
Terminal connection
Non-lighted (SPST-NO
+ SPST-NC)
Non-lighted (DPST-NO
+ DPST-NC)
Lighted without Voltage
Reduction Unit
(SPST-NO + SPST-NC)
Lighted with Voltage
Reduction Unit
(SPST-NO + SPST-NC)
16.7
20.7
Switch Blocks
M3.5 screw
22
10
Switch Blocks
Lamp socket
12
20.7
Switch Blocks
32
3
4
1
2
BOTTOM VIEW
11
21
22
12
13
23
24
14
BOTTOM VIEW
1
2
X2
X1
X
(
−)
(+)
3
4
BOTTOM VIEW
3
4
X1
X2
1
2
X
BOTTOM VIEW
22.3+0.40
25+0.50
dia.
dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com