Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
A22
12
Ordering Information
Tools
Item
Appearance
Classification
Model
Remarks
Snap-in
Legend
Plates
Standard
size
Without text
Black
A22Z-3443B
Attached to the Stan-
dard-size Legend Plate
Frame. (See page 28.)
Material: Acrylic
Red
A22Z-3443R
White
A22Z-3443W
Transparent
A22Z-3443C
With text
White text on red
background
❍
A22Z-3443R-2
STOP
A22Z-3443R-4
White text on
black background
|
A22Z-3443B-1
START
A22Z-3443B-3
ON
A22Z-3443B-5
OFF
A22Z-3443B-6
UP
A22Z-3443B-7
DOWN
A22Z-3443B-8
POWER ON
A22Z-3443B-9
OFF-ON
A22Z-3443B-10
Large size
Without text
Black
A22Z-3453B
Used as an Emergency
Stop Switch Legend
Plate. (See page 28.)
Material: Acrylic
Red
A22Z-3453R
White
A22Z-3453W
Transparent
A22Z-3453C
For Emer-
gency Stop
Switch
Black text on
yellow back-
ground
60-dia. round plate with black letters
on a yellow background
A22Z-3466-1
EMERGENCY STOP is
engraved on the plate. Used
as an Emergency Stop
Switch Legend Plate
90-dia. round plate with black letters
on a yellow background
A22Z-3476-1
Character Films
No print (Round)
A22Z-3460
After printing on a film, af-
fix to the indicator plate of
the Lighted Pushbutton
Switch. (The back is
coated with adhesive.)
Character
print
(Round)
|
A22Z-3460-1
❍
A22Z-3460-2
START
A22Z-3460-3
STOP
A22Z-3460-4
No print (Square)
A22Z-3480
Item
Appearance
Classification
Model
Remarks
Lamp Extractor
---
A22Z-3901
Rubber tool used to easily replace
Lamps
Tightening Wrench
---
A22Z-3905
Used to tighten mounting nuts from the
back of the panel and to replace the cap
of the Lighted Emergency Switch.
Cap Tightening Tool
---
A22Z-3908
Used for replacing the cap of the Half-
guard Pushbutton Switch.
Cap Puller
---
A3PJ-5080
Used for removing the cap from the
Pushbutton of the Square Lighted Push-
button Switch.
■ Specifications: See pages 13 to 14.
■ Precautions for correct use: See page 23.
■ Dimensions: See page 16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com