Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
A22
24
Application
Mounting to the Panel
Panel Hole Dimensions
• Panel hole dimensions are given below.
• Recommended panel thickness: 1 to 5 mm.
• For 25-dia. holes, always use 25-dia. Rings. (Since the cutout
dimensions are large, IP65 cannot be guaranteed unless 25-dia.
Rings are used.)
• If outer surface treatment such as coating is performed for the
panel, the panel dimensions after outer surface treatment must
meet the specified panel dimensions.
Matrix Installation
1. The following panel hole dimensions
apply when Switch Unit and the
Standard-size Legend Plate Frame and
Lock Ring are mounted, and lead wires
are connected directly to the Switch
Block.
2. The following panel hole dimensions
apply when the Large-size Legend Plate Frame is mounted, and
when crimp terminals are connected to the Switch Block terminals.
For 1. above:
For 2. above:
Note: 1. The above dimensions are the minimum dimensions for when the wires
described under Applicable Wire Size on page 23 are used. If a
different wires are used, the wiring dimensions may be different so
determine an appropriate pitch before setup.
2. With pushbuttons of external dimensions greater than 30 mm, set the
pitch according to the dimensions. (When using matrix installation for
the A22-M
@, mount with a pitch of 40 mm instead of 30 mm in the
diagram above.)
Mounting the Operation Unit on the Panel
• Insert the Operation Unit (Pushbutton, etc.) from the front surface of the
panel, insert the Lock Ring and the mounting nut from the terminal side,
then tighten the nut. Before tightening, check that the rubber washer is
present between the Pushbutton Unit and the panel.
• When using a Legend Plate Frame, put one rubber washer each
between the Legend Plate Frame and the panel and between the
Operation Unit and the Legend Plate Frame. (One rubber washer
will be provided when one Legend Plate Frame is ordered.)
• Align the Lock Ring with the groove in the casing, then insert the
Lock Ring so that its edge is located on the panel side.
22.3
+0.4
0
+0.2
0
22.3
25 dia.
22 dia.
+0.4
0
25
+0.5
0
3.2
0.8R
max.
Not Using a Lock Ring
Using a Lock Ring
Switch Blocks
A
A22-10, A22-10S
A22-01, A22-01S
45 mm min.
A22-20, A22-20S, A22-02
A22-02S, A22-11, A22-11S
55 mm min.
Type of crimp terminal
Switch Blocks
B
Bare crimp terminals
A22-10, A22-10S
A22-01, A22-01S
51 mm min.
A22-20, A22-20S, A22-02
A22-02S, A22-11, A22-11S
61 mm min.
Crimp terminals with
insulating sheath
A22-10, A22-10S
A22-01, A22-01S
60 mm min.
A22-20, A22-20S, A22-02
A22-02S, A22-11, A22-11S
70 mm min.
30
A
30
B
Pitches A and B between the centers of the mounting holes are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com