Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 29Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 30Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
A22
27
Securing the Connector Cable
1. Insert the connector into the cable port hole in the Box and secure
with the fixing nut inside the box.
2. Open a hole in the thin rubber section of the rubber ring.
3. Pass the tightening cap through the cable, insert the cable into the
connector, and tighten the hexagonal nut to secure the cable.
Switch Blocks
Installing the Switch Blocks
• Hook the small protrusion on the Switch Block into the groove on
the Mounting Latch on the other side of the lever, then push up the
Switch Block in the direction indicated by the arrow in the figure
below.
Removing the Switch Blocks
• Insert a screwdriver between the Mounting Latch and the Switch
Block, then push down the screwdriver in the direction indicated by
the arrow in the following figure.
Wiring
Wiring Round Crimp Terminals
• Loosen the terminal screw from the Switch Unit until it completely
comes off the groove, insert a screwdriver as shown in the following
figure, then push up the washer in the direction indicated by the
arrow to temporarily secure it. Now, a round crimp terminal can be
connected. After inserting the terminal, tighten the screws to
complete wiring.
Engraving
• Engrave the characters on the surface on the
Cap. Make sure that the characters are
aligned parallel to the imaginary line
connecting the two protruding portions to the
left and right of the Cap.
• The characters must not be engraved deeper
than 0.5 mm. Apply an alcohol-based paint
coating, such as melamine, alkyd, or acrylic
resin paint coating, to the engraved
characters.
Cable diameter
Connector
7 to 9 dia.
A22Z-3500-1
9 to 11 dia.
A22Z-3500-2
Fixing nut
Rubber washer
Connector
Tightening cap
Cable
Inside
Outside
Box
Mounting
Latch
Lever
Protrusion
Switch Block
Use either of the following screwdrivers.
Flat-head
screwdriver
Phillips
screwdriver
3 to 6 mm
3 to 6 mm
Screwdriver
Screwdriver
Washer
Screw
Protruding portions
on Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com