Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
A22
3
Ordering Information
Completely Assembled........ Shipped as a set which includes the Pushbutton, Lamp (lighted type only), and Switch.
Non-lighted (Round Type)
Note: The contact ratings are for standard loads.
Non-lighted (Square Type)
Note: The contact ratings are for standard loads.
Operation
Momentary opera-
tion (self-resetting)
Alternate operation
(self-holding)
Illumination color
Appearance
Output
Set
Set
Round/Flat type
A22-F
SPST-NO
A22-F
@-10M
A22-F
@-10A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
B (black)
SPST-NC
A22-F
@-01M
A22-F
@-01A
SPST-NO + SPST-NC
A22-F
@-11M
A22-F
@-11A
DPST-NO
A22-F
@-20M
A22-F
@-20A
DPST-NC
A22-F
@-02M
A22-F
@-02A
Round/Projection type
A22-T
SPST-NO
A22-T
@-10M
A22-T
@-10A
SPST-NC
A22-T
@-01M
A22-T
@-01A
SPST-NO + SPST-NC
A22-T
@-11M
A22-T
@-11A
SPST-NO + SPST-NO
A22-T
@-20M
A22-T
@-20A
SPST-NC + SPST-NC
A22-T
@-02M
A22-T
@-02A
Round/Full-guard type
A22-G
SPST-NO
A22-G
@-10M
A22-G
@-10A
SPST-NC
A22-G
@-01M
A22-G
@-01A
SPST-NO + SPST-NC
A22-G
@-11M
A22-G
@-11A
SPST-NO + SPST-NO
A22-G
@-20M
A22-G
@-20A
SPST-NC + SPST-NC
A22-G
@-02M
A22-G
@-02A
Round/Half-guard type
A22-H
SPST-NO
A22-H
@-10M
A22-H
@-10A
SPST-NC
A22-H
@-01M
A22-H
@-01A
SPST-NO + SPST-NC
A22-H
@-11M
A22-H
@-11A
SPST-NO + SPST-NO
A22-H
@-20M
A22-H
@-20A
SPST-NC + SPST-NC
A22-H
@-02M
A22-H
@-02A
Round/Small-size
Mushroom type
(30-dia. head)
A22-S
SPST-NO
A22-S
@-10M
---
SPST-NC
A22-S
@-01M
SPST-NO + SPST-NC
A22-S
@-11M
SPST-NO + SPST-NO
A22-S
@-20M
SPST-NC + SPST-NC
A22-S
@-02M
Round/Medium-size
Mushroom type
(40-dia head)
A22-M
SPST-NO
A22-M
@-10M
SPST-NC
A22-M
@-01M
SPST-NO + SPST-NC
A22-M
@-11M
SPST-NO + SPST-NO
A22-M
@-20M
SPST-NC + SPST-NC
A22-M
@-02M
Operation
Momentary opera-
tion (self-resetting)
Alternate operation
(self-holding)
Illumination color
Appearance
Output
Set
Set
Square/Projection type
A22-C
SPST-NO
A22-C
@-10M
A22-C
@-10A
R (red)
Y (yellow)
G (green)
W (white)
A (blue)
B (black)
SPST-NC
A22-C
@-01M
A22-C
@-01A
SPST-NO + SPST-NC
A22-C
@-11M
A22-C
@-11A
SPST-NO + SPST-NO
A22-C
@-20M
A22-C
@-20A
SPST-NC + SPST-NC
A22-C
@-02M
A22-C
@-02A
Square/Guard type
A22-D
SPST-NO
A22-D
@-10M
A22-D
@-10A
SPST-NC
A22-D
@-01M
A22-D
@-01A
SPST-NO + SPST-NC
A22-D
@-11M
A22-D
@-11A
SPST-NO + SPST-NO
A22-D
@-20M
A22-D
@-20A
SPST-NC + SPST-NC
A22-D
@-02M
A22-D
@-02A
Individual models: Refer to pages 7 to 9.
(The Pushbutton, Lamp, and Switch can be ordered
■ Specifications: See pages 13 to 14. ■ Dimensions: Refer to page 16.
■ Accessories and tools: See pages 10 to 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com