Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
A22
22
Dimensions
(Unit: mm)
Control Box A22Z-B20
@
22.1 dia.
Four, M4 Phillips binding screws
(10
×36) 0.6-mm
concave surface
Two, 21 dia.
Case (black)
Cover (*)
Two, 19 dia.
(base)
21 dia.
(both sides)
Two mounting
holes
10
68
20.5
40
A22Z-B201 (One Hole)
A22Z-B201Y
Cable Port Hole (Top View)
* A22Z-B201: gray
A22Z-B201Y: yellow
Two, 22.1 dia.
Four, M4 Phillips binding screws
(10
×36) 0.6-mm
concave surface
Two, 21 dia.
Case (black)
Cover (gray)
Two, 19 dia.
(base)
21 dia.
(both sides)
Two mounting
holes
78
98
10
137
50
A22Z-B202 (Two Holes)
Cable Port Hole (Top View)
Four, M4 Phillips binding screws
(10
×36) 0.6-mm
concave surface
Two, 21 dia.
Case (black)
Cover (gray)
Two, 19 dia.
(base)
21 dia.
(both sides)
Two
mounting
holes
Three, 22.1 dia.
10
199
50
50
158
138
A22Z-B203 (Three Holes)
Cable Port Hole (Top View)
6.3
4.3
3R
(Panel Mounting Hole)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com